Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1106 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA1106
Description  46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1106 Datasheet(HTML) 1 Page - Analog Devices

  ADPA1106 Datasheet HTML 1Page - Analog Devices ADPA1106 Datasheet HTML 2Page - Analog Devices ADPA1106 Datasheet HTML 3Page - Analog Devices ADPA1106 Datasheet HTML 4Page - Analog Devices ADPA1106 Datasheet HTML 5Page - Analog Devices ADPA1106 Datasheet HTML 6Page - Analog Devices ADPA1106 Datasheet HTML 7Page - Analog Devices ADPA1106 Datasheet HTML 8Page - Analog Devices ADPA1106 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data Sheet
ADPA1106
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Frequency range: 2.7 GHz to 3.5 GHz
►
POUT: 46 dBm typical with PIN = 21 dBm at 2.7 GHz to 3.1 GHz
►
Power gain: 25 dB typical with PIN = 21 dBm at 2.7 GHz to
3.1 GHz
►
Small signal gain: 34.5 dB typical at 2.7 GHz to 3.1 GHz
►
PAE: 56% typical with PIN = 21 dBm at 2.7 GHz to 3.1 GHz
►
Supply voltage: VDD = 50 V at IDQ = 300 mA with 10% duty cycle
►
32-lead, 5 mm × 5 mm LFCSP_CAV package
APPLICATIONS
►
Weather radar
►
Marine radar
►
Military radar
GENERAL DESCRIPTION
The ADPA1106 is a gallium nitride (GaN), broadband power ampli-
fier that delivers 46 dBm (40 W) with 56% typical power added
efficiency (PAE) across a bandwidth of 2.7 GHz to 3.1 GHz. The
ADPA1106 has a gain flatness of ±0.15 dB across the 2.7 GHz to
3.1 GHz frequency range.
The ADPA1106 is ideal for pulsed applications such as marine,
weather, and military radar.
The ADPA1106 comes in a 32-lead, lead frame chip scale package,
premolded cavity (LFCSP_CAV) and is specified for operation from
−40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - ADPA1106

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105-EVALZ AD-ADPA1105-EVALZ Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105ACGZN AD-ADPA1105ACGZN Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105ACGZN-R7 AD-ADPA1105ACGZN-R7 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
More results

Similar Description - ADPA1106

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
logo
Qorvo, Inc
QPA3069 QORVO-QPA3069 Datasheet
778Kb / 19P
2.7 ??3.5 GHz 100 W GaN Power Amplifier
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
2.7 to 3.5 GHz, 12 W GaN Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735015D WOLFSPEED-CMPA2735015D Datasheet
610Kb / 9P
15 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.2 March 2020
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735075F1 WOLFSPEED-CMPA2735075F1 Datasheet
1Mb / 10P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com