Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMH19 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMH19 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMH19
Download  PUMH19 Download
File Size   185.92 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open

PUMH19 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMH19 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMH19
Download  PUMH19 Click to download

File Size   185.92 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open

PUMH19 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMH19 Product details

Features
* Built-in bias resistors
* Simplifies circuit design
* Reduces component count
* Reduces pick and place cost




Similar Part No. - PUMH19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH19 PHILIPS-PUMH19 Datasheet
62Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
PUMH19 PHILIPS-PUMH19 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMH19 NXP-PUMH19 Datasheet
260Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PUMH19 NEXPERIA-PUMH19 Datasheet
221Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = open
31 March 2023
More results


Similar Description - PUMH19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA124X NXP-PDTA124X Datasheet
90Kb / 12P
PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 08-3 September 2009
PEMB14 NXP-PEMB14 Datasheet
71Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02-31 August 2009
PEMB16 NXP-PEMB16 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB17 NXP-PEMB17 Datasheet
71Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03-1 September 2009
PEMB19 NXP-PEMB19 Datasheet
70Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02-1 September 2009
PEMB16_PUMB16 PHILIPS-PEMB16_PUMB16_15 Datasheet
238Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03-31 August 2009
PEMB19_PUMB19 PHILIPS-PEMB19_PUMB19_15 Datasheet
70Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02-1 September 2009
PEMD19_PUMD19 PHILIPS-PEMD19_PUMD19_15 Datasheet
71Kb / 11P
NPN/PNP resistor-equipped transistors R1 = 22 kW, R2 = open
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMB16 NEXPERIA-PEMB16 Datasheet
339Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
Rev. 03 - 31 August 2009
PEMB17 NEXPERIA-PEMB17 Datasheet
186Kb / 12P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = 22 kW
Rev. 03 - 1 September 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com