Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMH19 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMH19 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMH19
Download  PUMH19 Download
File Size   221.62 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = open

PUMH19 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMH19 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMH19
Download  PUMH19 Click to download

File Size   221.62 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = open

PUMH19 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMH19 Product details

1. General description
NPN/NPN Resistor-Equipped Transistor (RET) in a very small SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
NPN/PNP complement: PUMD19
PNP/PNP complement: PUMB19

2. Features and benefits
• Built-in bias resistors
• Simplified circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified

3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replacement of general purpose transistors in digital applications




Similar Part No. - PUMH19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH19 PHILIPS-PUMH19 Datasheet
62Kb / 11P
NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
PUMH19 PHILIPS-PUMH19 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMH19 NXP-PUMH19 Datasheet
260Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 22 k廓, R2 = open
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PUMH19 NEXPERIA-PUMH19 Datasheet
185Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 22 kW, R2 = open
Rev. 02 - 1 September 2009
More results


Similar Description - PUMH19

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC124EM NEXPERIA-PDTC124EM Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
PIMD2 NEXPERIA-PIMD2 Datasheet
257Kb / 14P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 March 2023
PUMH14 NEXPERIA-PUMH14 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = open
31 March 2023
PUMH16 NEXPERIA-PUMH16 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
31 March 2023
PDTC124ET NEXPERIA-PDTC124ET Datasheet
243Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 October 2022
PDTC124EU-Q NEXPERIA-PDTC124EU-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
7 March 2022
PDTC124ET-Q NEXPERIA-PDTC124ET-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
5 January 2022
PUMD2-Q NEXPERIA-PUMD2-Q Datasheet
252Kb / 13P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
24 March 2022
PUMH7H-Q NEXPERIA-PUMH7H-Q Datasheet
240Kb / 12P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
6 May 2021
PUMH7H NEXPERIA-PUMH7H Datasheet
240Kb / 12P
50 V, 100 mA NPN/NPN Resistor-Equipped double Transistor; R1 = 4.7 kΩ, R2 = open
22 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com