Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83026I Datasheet (PDF) - Renesas Technology Corp

83026I Datasheet PDF - Renesas Technology Corp
Part # 83026I
Download  83026I Download
File Size   504.22 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout

83026I Datasheet (PDF)

Go To PDF Page Download Datasheet
83026I Datasheet PDF - Renesas Technology Corp

Part # 83026I
Download  83026I Click to download

File Size   504.22 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-2, Differential-to-LVCMOS/LVTTL Fanout

83026I Datasheet (HTML) - Renesas Technology Corp


83026I Product details

Features
• Two LVCMOS/LVTTL outputs
• Differential CLK/nCLK input pair
• CLK/nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency: 350MHz (typical)
• Output skew: 20ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Additive phase jitter, RMS: 0.092ps (typical)
• Small 8 lead SOIC package saves board space
• Full 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83026I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83026I IDT-83026I Datasheet
311Kb / 12P
Differential-to-LVCMOS/LVTTL Fanout
83026I-01 IDT-83026I-01 Datasheet
176Kb / 15P
Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
More results


Similar Description - 83026I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83026I-01 ICST-ICS83026I-01 Datasheet
239Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JANUARY 16, 2006
ICS83026I ICST-ICS83026I Datasheet
119Kb / 11P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. B NOVEMBER 9, 2004
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01 Datasheet
694Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
83948I RENESAS-83948I Datasheet
504Kb / 14P
Low Skew, 1-to-12 Differential-to- LVCMOS/LVTTL Fanout Buffer
May 19, 2016
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com