Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83947AYILN Datasheet (PDF) - Renesas Technology Corp

83947AYILN Datasheet PDF - Renesas Technology Corp
Part # 83947AYILN
Download  83947AYILN Download
File Size   210.02 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-9 LVCMOS Fanout Buffer

83947AYILN Datasheet (PDF)

Go To PDF Page Download Datasheet
83947AYILN Datasheet PDF - Renesas Technology Corp

Part # 83947AYILN
Download  83947AYILN Click to download

File Size   210.02 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-9 LVCMOS Fanout Buffer

83947AYILN Datasheet (HTML) - Renesas Technology Corp


83947AYILN Product details

FEATURES
• 9 LVCMOS/LVTTL outputs
• Selectable CLK0 and CLK1 can accept the following
input levels: LVCMOS and LVTTL
• Maximum output frequency: 110MHz
• Output skew: 500ps (maximum)
• Part-to-part skew: 2ns (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Lead-Free package available




Similar Part No. - 83947AYILN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83947AYILN IDT-83947AYILN Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947AYILNT IDT-83947AYILNT Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
More results


Similar Description - 83947AYILN

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940-01 ICST-ICS83940-01 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A JULY 31, 2001
ICS83940-02 ICST-ICS83940-02 Datasheet
113Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. A AUGUST 6, 2001
ICS83940 ICST-ICS83940 Datasheet
109Kb / 11P
LOW SKEW, 1-TO-18 LVCMOS FANOUT BUFFER
REV. B JULY 31, 2001
ICS83947I-147 ICST-ICS83947I-147 Datasheet
169Kb / 10P
LOW SKEW, 1-TO-9 LVCMOS/LVTTL FANOUT BUFFER
REV. A SEPTEMBER 24, 2004
ICS83947I ICST-ICS83947I Datasheet
131Kb / 9P
LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
REV. B OCTOBER 11, 2004
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
83947I IDT-83947I Datasheet
106Kb / 10P
Low Skew, 1-to-9 LVCMOS Fanout Buffer
83947I-147 IDT-83947I-147 Datasheet
205Kb / 12P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
ICS83947I-147 RENESAS-ICS83947I-147 Datasheet
398Kb / 13P
Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
March 18, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com