Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C751 Datasheet (PDF) - NXP Semiconductors

83C751 Datasheet PDF - NXP Semiconductors
Part # 83C751
Download  83C751 Download
File Size   211.63 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count

83C751 Datasheet (PDF)

Go To PDF Page Download Datasheet
83C751 Datasheet PDF - NXP Semiconductors

Part # 83C751
Download  83C751 Click to download

File Size   211.63 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count

83C751 Datasheet (HTML) - NXP Semiconductors


83C751 Product details

DESCRIPTION
The Philips 83C751/87C751 offers the advantages of the 80C51 architecture in a small package and at low cost.
The 8XC751 Microcontroller is fabricated with Philips high-density CMOS technology. Philips epitaxial substrate minimizes CMOS latch-up sensitivity.
The 8XC751 contains a 2k × 8 ROM (83C751) EPROM (87C751), a 64 × 8 RAM, 19 I/O lines, a 16-bit auto-reload counter/timer, a five-source, fixed-priority level interrupt structure, a bidirectional inter-integrated circuit (I2C) serial bus interface, and an on-chip oscillator.

FEATURES
• 80C51 based architecture
• Inter-Integrated Circuit (I2C) serial bus interface
• Small package sizes
   – 24-pin DIP (300 mil “skinny DIP”)
   – 24-pin Shrink Small Outline Package
   – 28-pin PLCC
• 87C751 available in one-time programmable plastic packages
• Wide oscillator frequency range
• Low power consumption:
   – Normal operation: less than 11mA @ 5V, 12MHz
   – Idle mode
   – Power-down mode
• 2k × 8 ROM (83C751)
   2k × 8 EPROM (87C751)
• 64 × 8 RAM
• 16-bit auto reloadable counter/timer
• Fixed-rate timer
• Boolean processor
• CMOS and TTL compatible
• Well suited for logic replacement, consumer and industrial applications
• LED drive outputs




Similar Part No. - 83C751

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C751 PHILIPS-83C751 Datasheet
172Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
More results


Similar Description - 83C751

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
83C748 PHILIPS-83C748 Datasheet
131Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
83C749 PHILIPS-83C749 Datasheet
200Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
83C752 PHILIPS-83C752 Datasheet
225Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1998 May 01
87C748 PHILIPS-87C748 Datasheet
147Kb / 18P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
87C749 PHILIPS-87C749 Datasheet
164Kb / 22P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8-bit A/D, PWM, low pin count
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
87C751 PHILIPS-87C751 Datasheet
172Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
1998 May 01
87C752 PHILIPS-87C752 Datasheet
181Kb / 24P
80C51 8-bit microcontroller family 2K/64 OTP/ROM, 5 channel 8 bit A/D, I2C, PWM, low pin count
1999 Jul 23
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com