Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14683 Datasheet (PDF) - Renesas Technology Corp

DA14683 Datasheet PDF - Renesas Technology Corp
Part # DA14683
Download  DA14683 Download
File Size   9882.03 Kbytes
Page   469 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bluetooth Low Energy 5.0 SoC with Enhanced Security

DA14683 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14683 Datasheet PDF - Renesas Technology Corp

Part # DA14683
Download  DA14683 Click to download

File Size   9882.03 Kbytes
Page   469 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bluetooth Low Energy 5.0 SoC with Enhanced Security

DA14683 Datasheet (HTML) - Renesas Technology Corp


DA14683 Product details

General description
The DA14683 is a flexible System-on-Chip combining
an application processor, memories, cryptography
engine, power management unit, digital and analog
peripherals and a Bluetooth Low Energy MAC engine
and radio transceiver.
The DA14683 is based on an ARM® Cortex®-M0 CPU
delivering up to 86 DMIPS (at maximum 96 MHz system speed) and provides a flexible memory architecture, enabling code execution from embedded memory
(RAM, ROM) or non-volatile memory (OTP or external
Quad-SPI FLASH).
The advanced power management unit of the
DA14683 enables it to run from primary and secondary
batteries, as well as provide power to external devices.
The on-chip charger and state-of-charge fuel gauge
allows the DA14683 to natively charge rechargeable
batteries over USB.
The DA14683 comes with enhanced security features
such as key manipulation, secure booting (i.e. starting
the system only if the FLASH image is authenticated),
a complete public/private hardware acceleration
engine and a hardware true random number generator
(TRNG).
Several optimised sleep modes are available to reduce
power dissipation when there is no activity

Features
 Complies to Bluetooth v5.0, ETSI EN 300 328 and
EN 300 440 Class 2 (Europe), FCC CFR47 Part 15
(US) and ARIB STD-T66 (Japan)
 Flexible processing power
 0 Hz up to 96 MHz 32-bit ARM Cortex-M0 with
4-way associative cache
 Three optimised power modes (Extended sleep,
Deep sleep and Hibernation) reducing current to
800 nA
 Memories
 64 kB One-Time-Programmable (OTP) memory
 128 kB Data SRAM with retention capabilities
 16 kB Cache SRAM with retention capabilities
 128 kB ROM (including boot ROM and BLE stack)
 Power management
 Integrated Buck DC-DC converter (1.7 V - 4.75 V)
 Three power supply pins for external devices
 Supports Li-Polymer, Li-Ion, coin, NiMH and alkaline batteries
 Charger (up to 5.0 V) with programmable curves
 High accuracy state-of-charge fuel gauge
 Programmable threshold for brownout detection
 Digitally controlled oscillators and PLL
 16/32 MHz crystal oscillator
 16 MHz RC oscillator
 32 kHz crystal and RC oscillator
 11.4 kHz RCX oscillator
 Low power PLL up to 96 MHz
 Three general purpose timer/counters with PWM
 One 16-bit up/down timer/counter with PWM
available in extended/deep sleep mode
 Application cryptographic engine with ECC, AES256, SHA-1, SHA-256, SHA-512 and True Random
Number Generator
 Digital interfaces
 37 (AQFN) or 21 (WLCSP) general purpose I/Os
with programmable voltage levels
 Quad-SPI FLASH interface
 Two UARTs, one with hardware flow control
 Two SPI+™ interfaces
 Two I2C bus interfaces at 100 kHz, 400 kHz
 Three-axes capable Quadrature Decoder
 PDM + HW decimator (2 mics or 2 speakers)
 I2S/PCM master/slave interface up to 8 channels
 Keyboard scanner with debouncing
 Infrared (IR) interface (PWM)
 USB 1.1 Full Speed (FS) device interface
 Analog interfaces
 8-channel 10-bit ADC with averaging capability
 Three matched white LED drivers
 Temperature sensor
 Radio transceiver
 2.4 GHz CMOS transceiver with integrated balun
 50  matched single wire antenna interface
 0 dBm transmit output power
 -94 dBm receiver sensitivity (BLE)
 Supply current at VBAT1 (3 V):
TX: 3.4 mA
RX: 3.1 mA (with ideal DC-DC converter)
 Packages:
 AQFN with 60 pins, 6 mm x 6 mm
 WLCSP with 53 balls, 3.406 mm x 3.010 mm




Similar Part No. - DA14683

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
Bluetooth Low Energy 5.0 SoC with Enhanced Security
DA14683-00000A92 DIALOG-DA14683-00000A92 Datasheet
13Mb / 469P
Bluetooth Low Energy 5.0 SoC with Enhanced Security
DA14683-00000U22 DIALOG-DA14683-00000U22 Datasheet
13Mb / 469P
Bluetooth Low Energy 5.0 SoC with Enhanced Security
DA14683-00C01A92 DIALOG-DA14683-00C01A92 Datasheet
13Mb / 469P
Bluetooth Low Energy 5.0 SoC with Enhanced Security
More results


Similar Description - DA14683

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
Cypress Semiconductor
CYW20719 CYPRESS-CYW20719 Datasheet
1Mb / 49P
Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
logo
Core Technology (Shenzh...
CST92F30 CHIPSEA-CST92F30 Datasheet
3Mb / 105P
highly integrated Bluetooth 5.0 low energy SOC device
logo
Dialog Semiconductor
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
DA14683 DIALOG-DA14683 Datasheet
13Mb / 469P
Bluetooth Low Energy 5.0 SoC with Enhanced Security
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
DA14680 RENESAS-DA14680 Datasheet
5Mb / 440P
Bluetooth Low Energy 4.2 SoC with FLASH
14-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com