Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14680 Datasheet (PDF) - Renesas Technology Corp

DA14680 Datasheet PDF - Renesas Technology Corp
Part # DA14680
Download  DA14680 Download
File Size   5673.1 Kbytes
Page   440 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bluetooth Low Energy 4.2 SoC with FLASH

DA14680 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA14680 Datasheet PDF - Renesas Technology Corp

Part # DA14680
Download  DA14680 Click to download

File Size   5673.1 Kbytes
Page   440 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bluetooth Low Energy 4.2 SoC with FLASH

DA14680 Datasheet (HTML) - Renesas Technology Corp


DA14680 Product details

Features
 Complies to Bluetooth v4.2, ETSI EN 300 328 and
EN 300 440 Class 2 (Europe), FCC CFR47 Part 15
(US) and ARIB STD-T66 (Japan)
 Flexible processing power
 0 Hz up to 96 MHz 32-bit ARM Cortex-M0 with
4-way associative cache
 Three optimised power modes (Extended sleep,
Deep sleep and Hibernation) reducing current to 1.4 uA
 Memories
 8 Mbit FLASH memory
 64 kB One-Time-Programmable (OTP) memory
 128 kB Data SRAM with retention capabilities
 16 kB Cache SRAM with retention capabilities
 128 kB ROM (including boot ROM and BLE stack)
 Power management
 Integrated Buck DC-DC converter (1.7 V to 4.5 V)
 Three power supply pins for external devices




Similar Part No. - DA14680

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA14680 DIALOG-DA14680 Datasheet
576Kb / 5P
The most integrated and flexible Bluetooth짰 low energy SoC
DA14680-01F08A92 DIALOG-DA14680-01F08A92 Datasheet
576Kb / 5P
The most integrated and flexible Bluetooth짰 low energy SoC
More results


Similar Description - DA14680

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RN4870 MICROCHIP-RN4870 Datasheet
2Mb / 48P
Bluetooth 4.2 Low Energy Module
07/14/15
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
Bluetooth Low Energy 4.2 SoC
DA14581 DIALOG-DA14581_16 Datasheet
1Mb / 153P
Bluetooth Low Energy 4.2 SoC with Optimized Boot Time
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
Bluetooth Low Energy 4.2 SoC with Audio CODEC
DA14583 DIALOG-DA14583_16 Datasheet
1Mb / 150P
Bluetooth Low Energy 4.2 SoC with Flash Memory
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
Bluetooth Low Energy 4.2 SoC
DA14682 DIALOG-DA14682 Datasheet
4Mb / 459P
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH
logo
Renesas Technology Corp
DA14681 RENESAS-DA14681 Datasheet
5Mb / 445P
Bluetooth Low Energy 4.2 SoC FINAL
13-Jan-2022
DA14682 RENESAS-DA14682 Datasheet
4Mb / 460P
Bluetooth Low Energy 5.0 SoC with Enhanced Security and FLASH FINAL
13-Jan-2022
DA14683 RENESAS-DA14683 Datasheet
9Mb / 469P
Bluetooth Low Energy 5.0 SoC with Enhanced Security
13-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com