Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1358 Datasheet (PDF) - Renesas Technology Corp

F1358 Datasheet PDF - Renesas Technology Corp
Part # F1358
Download  F1358 Download
File Size   2321.43 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Zero-DistortionTM, Glitch-FreeTM , DPD Receiver

F1358 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1358 Datasheet PDF - Renesas Technology Corp

Part # F1358
Download  F1358 Click to download

File Size   2321.43 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Zero-DistortionTM, Glitch-FreeTM , DPD Receiver

F1358 Datasheet (HTML) - Renesas Technology Corp


F1358 Product details

GENERAL DESCRIPTION
This document describes the specification for the
IDTF1358 Digital Pre-Distortion Demodulator for PA
linearization. This series of devices is offered

FEATURES
 Wide flat performance IF BW
 Wide RF and LO BWs (~ 800 MHz)
 LO can be High or Low Side
 Ideal for Multi-Carrier Systems
 Drives ADC directly
 Ultra linear +41 dBm OIP3
 Excellent ACLR performance
 200 Ω output impedance
 Fully integrated DPD demodulator
 Standby Mode w/Fast Recovery
 Current draw is 216 mA
 6 x 6 mm 36 pin package




Similar Part No. - F1358

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F135 FOX-F135 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F135 FOX-F135 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
F135-25 FOX-F135-25 Datasheet
492Kb / 2P
HCMOS 2.0x1.6mm 3.3V SMD Oscillator
logo
Renesas Technology Corp
F1350 RENESAS-F1350 Datasheet
1Mb / 31P
DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
F1350 RENESAS-F1350 Datasheet
1Mb / 27P
DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results


Similar Description - F1358

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
Zero-Delay Glitch-Free Clock Multiplexer
Revision 041100
logo
Analog Devices
AD6641 AD-AD6641 Datasheet
653Kb / 28P
250 MHz Bandwidth DPD Observation Receiver
REV. 0
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
DPD Demodulator for PA Linearization
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
DPD Demodulator for PA Linearization
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
M9451A-DPD PXIe Measurement Accelerator
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
F1178 RENESAS-F1178 Datasheet
4Mb / 22P
This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com