Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6641 Datasheet (PDF) - Analog Devices

AD6641 Datasheet PDF - Analog Devices
Part # AD6641
Download  AD6641 Download
File Size   653.3 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz Bandwidth DPD Observation Receiver

AD6641 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD6641 Datasheet PDF - Analog Devices

Part # AD6641
Download  AD6641 Click to download

File Size   653.3 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 250 MHz Bandwidth DPD Observation Receiver

AD6641 Datasheet (HTML) - Analog Devices


AD6641 Product details

GENERAL DESCRIPTION
The AD6641 is a 250 MHz bandwidth digital predistortion (DPD) observation receiver that integrates a 12-bit 500 MSPS ADC, a 16k × 12 FIFO, and a multimode back end that allows users to retrieve the data through a serial port (SPORT), the SPI interface, a 12-bit parallel CMOS port, or a 6-bit DDR LVDS port after being stored in the integrated FIFO memory. It is optimized for outstanding dynamic performance and low power consumption and is suitable for use in telecommunications applications such as a digital predistortion observation path where wider bandwidths are desired. All necessary functions, including the sample-and-hold and voltage reference, are included on the chip to provide a complete signal conversion solution.

FEATURES
   SNR = 65.8 dBFS at fIN up to 250 MHz at 500 MSPS
   ENOB of 10.5 bits at fIN up to 250 MHz at 500 MSPS (−1.0 dBFS)
   SFDR = 80 dBc at fIN up to 250 MHz at 500 MSPS (−1.0 dBFS)
   Excellent linearity
      DNL = ±0.5 LSB typical, INL = ±0.6 LSB typical
   Integrated 16k × 12 FIFO
   FIFO readback options
      12-bit parallel CMOS at 62.5 MHz
      6-bit DDR LVDS interface
      SPORT at 62.5 MHz
      SPI at 25 MHz
   High speed synchronization capability
   1 GHz full power analog bandwidth
   Integrated input buffer
   On-chip reference, no external decoupling required
   Low power dissipation
      695 mW at 500 MSPS
      Programmable input voltage range
      1.18 V to 1.6 V, 1.5 V nominal
   1.9 V analog and digital supply operation
   1.9 V or 3.3 V SPI and SPORT operation
   Clock duty cycle stabilizer
   Integrated data clock output with programmable clock and
      data alignment

APPLICATIONS
   Wireless and wired broadband communications
   Communications test equipment
   Power amplifier linearization




Similar Part No. - AD6641

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD664 AD-AD664 Datasheet
566Kb / 20P
Monolithic 12-Bit Quad DAC
AD664 AD-AD664 Datasheet
725Kb / 24P
Monolithic 12-Bit Quad DAC
23-Feb-2017
AD6640 AD-AD6640 Datasheet
488Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
AD6640 AD-AD6640 Datasheet
920Kb / 24P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640 AD-AD6640 Datasheet
1Mb / 25P
12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
More results


Similar Description - AD6641

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070CF51541T ICST-SF0070CF51541T Datasheet
189Kb / 2P
70 MHz Filter 250 kHz Bandwidth
Rev 1.0
SF0140CF51900T ICST-SF0140CF51900T Datasheet
190Kb / 2P
140 MHz Filter 250 kHz Bandwidth
Rev 1.1
logo
API Technologies Corp
SF0250BA02425S APITECH-SF0250BA02425S Datasheet
181Kb / 3P
250 MHz SAW Filter 80 MHz Bandwidth
SF0070CF51541T APITECH-SF0070CF51541T Datasheet
193Kb / 2P
70 MHz Filter 250 kHz Bandwidth
logo
Analog Devices
AD6677 AD-AD6677 Datasheet
1Mb / 48P
80 MHz Bandwidth, IF Receiver
Jan-2016
AD6688 AD-AD6688 Datasheet
2Mb / 138P
RF Diversity and 1.2 GHz Bandwidth Observation Receiver
4/2017-Revision 0
ADRV9008-2 AD-ADRV9008-2 Datasheet
2Mb / 95P
Integrated Dual RF Transmitters and Observation Receiver
9/2018-Revision 0
ADRV9009 AD-ADRV9009 Datasheet
3Mb / 127P
Integrated Dual RF Transmitter, Receiver, and Observation Receiver
5/2019-Rev. A to Rev B.
AD9986 AD-AD9986_V01 Datasheet
3Mb / 37P
4T2R Direct RF Transmitter and Observation Receiver
Rev. 0
logo
Renesas Technology Corp
F1358 RENESAS-F1358 Datasheet
2Mb / 38P
Zero-DistortionTM, Glitch-FreeTM , DPD Receiver
une 2015
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com