Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9036B Datasheet (PDF) - Renesas Technology Corp

P9036B Datasheet PDF - Renesas Technology Corp
Part # P9036B
Download  P9036B Download
File Size   1329.48 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12V Wireless Power Transmitter IC for TX-A6

P9036B Datasheet (PDF)

Go To PDF Page Download Datasheet
P9036B Datasheet PDF - Renesas Technology Corp

Part # P9036B
Download  P9036B Click to download

File Size   1329.48 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12V Wireless Power Transmitter IC for TX-A6

P9036B Datasheet (HTML) - Renesas Technology Corp


P9036B Product details

Features
 5W WPC 1.2 Compliant Wireless Power
Transmitter Single Chip Solution for TX-A6
 Excellent EMI performance eliminates
need for EMI filters
 12V Operating Input Voltage
 Closed-Loop Power Transfer Control Between
Base Station and Mobile Device
 Demodulates and Decodes WPC-Compliant
Message Packets
 5V Regulated DC/DC Converter
 Integrated RESET Function
 Internal half-bridge power MOSFETs
 Proprietary Back-Channel Communication
 I
2C Interface
 Push-Pull GPIO/LED Indicator Outputs
 Over-Temperature Protection
 Optional Buzzer Support
 Foreign Object Detection (FOD)

Description
The P9036B is a highly integrated WPC-compliant wireless power
transmitter IC for power transmitter WPC design TX-A6. This device
operates with a 12Vdc adaptor, and drives an external load directly via
an internal half-bridge. It controls the transferred power by changing the
switching frequency of the half-bridge inverter from 110 kHz to 205 kHz
as specified by the WPC specification for an “A6” transmitter. It
contains logic circuits required to demodulate and decode WPCcompliant message packets sent by the mobile device to adjust the
transferred power.
The P9036B is an intelligent device, which manages mobile device
detection, and selection of one of the three coils of the A6 transmitter
coil without user supervision. The A6 configuration allows free mobile
device positioning over a wider area than configurations that use a
single coil, detecting a mobile device for charging while minimizing idle
power. Once the mobile device is detected and authenticated, the
P9036B continuously monitors all communications from the mobile
device, and adjusts the transmitted power accordingly by varying the
switching frequency of the internal half-bridge inverter.
The P9036B can optionally support a proprietary back-channel
communication mode, which enables the device to communicate with
IDT’s wireless power receiver solutions. This feature enables additional
layers of capabilities beyond the standard WPC requirements.
The P9036B includes over-temperature/current protection and WPC
compliant Foreign Object Detection (FOD) to protect the base station
from overloading in the presence of a metallic foreign object.
Additionally, it manages fault conditions associated with power transfer
and controls LED outputs to indicate operating status.




Similar Part No. - P9036B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9036B IDT-P9036B Datasheet
943Kb / 24P
12V Wireless Power Transmitter IC for TX-A6
P9036BNTGI IDT-P9036BNTGI Datasheet
943Kb / 24P
12V Wireless Power Transmitter IC for TX-A6
P9036BNTGI8 IDT-P9036BNTGI8 Datasheet
943Kb / 24P
12V Wireless Power Transmitter IC for TX-A6
More results


Similar Description - P9036B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ500412 TI1-BQ500412 Datasheet
928Kb / 28P
Low System Cost, Wireless Power Controller for WPC TX A6
BQ500412 TI1-BQ500412 Datasheet
922Kb / 28P
Low System Cost, Wireless Power Controller for WPC TX A6
logo
Integrated Device Techn...
P9030-0NTGI8 IDT-P9030-0NTGI8 Datasheet
1Mb / 28P
Single Chip Wireless Power Transmitter IC for TX-A1
logo
Toshiba Semiconductor
TB6865AFG TOSHIBA-TB6865AFG Datasheet
1Mb / 32P
Qi compliant wireless power transmitter IC
logo
Integrated Device Techn...
P9036B IDT-P9036B Datasheet
943Kb / 24P
12V Wireless Power Transmitter IC for TX-A6
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Renesas Technology Corp
RAA458100GNP RENESAS-RAA458100GNP Datasheet
366Kb / 24P
Wireless Charging System Transmitter IC for Low Power Applications
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
Wireless Power Transmitter IC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com