Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES16NT2 Datasheet (PDF) - Renesas Technology Corp

89HPES16NT2 Datasheet PDF - Renesas Technology Corp
Part # 89HPES16NT2
Download  89HPES16NT2 Download
File Size   1157.91 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Lane 2-Port Non-Transparent PCI Express® Switch

89HPES16NT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES16NT2 Datasheet PDF - Renesas Technology Corp

Part # 89HPES16NT2
Download  89HPES16NT2 Click to download

File Size   1157.91 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 16-Lane 2-Port Non-Transparent PCI Express® Switch

89HPES16NT2 Datasheet (HTML) - Renesas Technology Corp


89HPES16NT2 Product details

Features
◆ High Performance PCI Express Switch
– Sixteen PCI Express lanes (2.5Gbps), two switch ports
– Delivers 64 Gbps (8 GBps) of aggregate switching capacity
– Low latency cut-through switch architecture
– Support for Max Payload size up to 2048 bytes
– Supports one virtual channel and eight traffic classes
– PCI Express Base specification Revision 1.0a compliant
◆ Flexible Architecture with Numerous Configuration Options
– Supports automatic per port link width negotiation (x8, x4, x2,
or x1)
– Static lane reversal on all ports
– Automatic polarity inversion on all lanes
– Supports locked transactions, allowing use with legacy software
– Ability to load device configuration from serial EEPROM
– Ability to control device via SMBus
◆ Non-Transparent Port
– Crosslink support on NTB port
– Four mapping windows supported
• Each may be configured as a 32-bit memory or I/O window
• May be paired to form a 64-bit memory window
– Interprocessor communication
• Thirty-two inbound and outbound doorbells
• Four inbound and outbound message registers
• Two shared scratchpad registers
– Allows up to sixteen masters to communicate through the nontransparent port
– No limit on the number of supported outstanding transactions
through the non-transparent bridge
– Completely symmetric non-transparent bridge operation
allows similar/same configuration software to be run
– Supports direct connection to a transparent or non-transparent
port of another switch
◆ Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates sixteen 2.5 Gbps embedded full duplex SerDes, 8B/
10B encoder/decoder (no separate transceivers needed)




Similar Part No. - 89HPES16NT2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16NT2 IDT-89HPES16NT2 Datasheet
53Kb / 3P
16-Lane 2-Port Non-Transparent PCI Express짰 Switch
More results


Similar Description - 89HPES16NT2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16NT2 IDT-89HPES16NT2 Datasheet
53Kb / 3P
16-Lane 2-Port Non-Transparent PCI Express짰 Switch
logo
Renesas Technology Corp
PES24NT3 RENESAS-PES24NT3 Datasheet
1Mb / 32P
24-Lane 3-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES8NT2 RENESAS-PES8NT2 Datasheet
1Mb / 29P
8-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
89HPES12NT3 RENESAS-89HPES12NT3 Datasheet
862Kb / 30P
12-lane 3-Port Non-Transparent PCI Express® Switch
February 19, 2009
89HPES16H16 RENESAS-89HPES16H16 Datasheet
472Kb / 37P
16-Lane 16-Port PCI Express® Switch
October 3, 2011
89HPES16T4 RENESAS-89HPES16T4 Datasheet
983Kb / 32P
16-Lane 4-Port PCI Express® Switch
March 25, 2008
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES22H16 RENESAS-89HPES22H16 Datasheet
470Kb / 38P
22-Lane 16-Port PCI Express® Switch
October 3, 2011
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com