Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES12NT3 Datasheet (PDF) - Renesas Technology Corp

89HPES12NT3 Datasheet PDF - Renesas Technology Corp
Part # 89HPES12NT3
Download  89HPES12NT3 Download
File Size   862.74 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-lane 3-Port Non-Transparent PCI Express® Switch

89HPES12NT3 Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES12NT3 Datasheet PDF - Renesas Technology Corp

Part # 89HPES12NT3
Download  89HPES12NT3 Click to download

File Size   862.74 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-lane 3-Port Non-Transparent PCI Express® Switch

89HPES12NT3 Datasheet (HTML) - Renesas Technology Corp


89HPES12NT3 Product details

Features
◆ High Performance PCI Express Switch
– Twelve PCI Express lanes (2.5Gbps), three switch ports
– Delivers 48 Gbps (6 GBps) of aggregate switching capacity
– Low latency cut-through switch architecture
– Support for Max Payload size up to 2048 bytes
– Supports one virtual channel and eight traffic classes
– PCI Express Base specification Revision 1.0a compliant
◆ Flexible Architecture with Numerous Configuration Options
– Port arbitration schemes utilizing round robin
– Supports automatic per port link width negotiation (x4, x2, or
x1)
– Static lane reversal on all ports
– Automatic polarity inversion on all lanes
– Supports locked transactions, allowing use with legacy software
– Ability to load device configuration from serial EEPROM
– Ability to control device via SMBus
◆ Non-Transparent Port
– Crosslink support on NTB port
– Four mapping windows supported
• Each may be configured as a 32-bit memory or I/O window
• May be paired to form a 64-bit memory window
– Interprocessor communication
• Thirty-two inbound and outbound doorbells
• Four inbound and outbound message registers
• Two shared scratchpad registers
– Allows up to sixteen masters to communicate through the nontransparent
port
– No limit on the number of supported outstanding transactions
through the non-transparent bridge
– Completely symmetric non-transparent bridge operation
allows similar/same configuration software to be run
– Supports direct connection to a transparent or non-transparent
port of another switch




Similar Part No. - 89HPES12NT3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES12NT3ZABC IDT-89HPES12NT3ZABC Datasheet
494Kb / 29P
12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES12NT3ZABCG IDT-89HPES12NT3ZABCG Datasheet
494Kb / 29P
12-lane 3-Port Non-Transparent PCI Express짰 Switch
More results


Similar Description - 89HPES12NT3

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
12-lane 3-Port Non-Transparent PCI Express짰 Switch
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
PES16NT2 RENESAS-PES16NT2 Datasheet
1Mb / 30P
16-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES24NT3 RENESAS-PES24NT3 Datasheet
1Mb / 32P
24-Lane 3-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES8NT2 RENESAS-PES8NT2 Datasheet
1Mb / 29P
8-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
89HPES12N3 RENESAS-89HPES12N3 Datasheet
724Kb / 29P
12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES12N3A RENESAS-89HPES12N3A Datasheet
754Kb / 32P
12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
89HPES3T3 RENESAS-89HPES3T3 Datasheet
555Kb / 32P
3-Lane 3-Port PCI Express® Switch
June 12, 2014
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
48-Lane 12-Port PCI Express® Switch
October 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com