Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89HPES12N3A Datasheet (PDF) - Renesas Technology Corp

89HPES12N3A Datasheet PDF - Renesas Technology Corp
Part # 89HPES12N3A
Download  89HPES12N3A Download
File Size   754.84 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-lane 3-Port PCI Express® Switch

89HPES12N3A Datasheet (PDF)

Go To PDF Page Download Datasheet
89HPES12N3A Datasheet PDF - Renesas Technology Corp

Part # 89HPES12N3A
Download  89HPES12N3A Click to download

File Size   754.84 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12-lane 3-Port PCI Express® Switch

89HPES12N3A Datasheet (HTML) - Renesas Technology Corp


89HPES12N3A Product details

Features
◆ High Performance PCI Express Switch
– Twelve 2.5Gbps PCI Express lanes
– Three switch ports
– Upstream port configurable up to x4
– Downstream ports configurable up to x4
– Low-latency cut-through switch architecture
– Support for Max Payload Sizes up to 2048 bytes
– One virtual channel
– Eight traffic classes
– PCI Express Base Specification Revision 1.1 compliant
◆ Flexible Architecture with Numerous Configuration Options
– Automatic per port link width negotiation to x4, x2 or x1
– Automatic lane reversal on all ports
– Automatic polarity inversion on all lanes
– Ability to load device configuration from serial EEPROM
◆ Legacy Support
– PCI compatible INTx emulation
– Bus locking
◆ Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates twelve 2.5 Gbps embedded SerDes with 8B/10B
encoder/decoder (no separate transceivers needed)
◆ Reliability, Availability, and Serviceability (RAS) Features
– Supports ECRC and Advanced Error Reporting
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports PCI Express Native Hot-Plug, Hot-Swap capable I/O
– Compatible with Hot-Plug I/O expanders used on PC and
server motherboards




Similar Part No. - 89HPES12N3A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
12 Lane 3-Port PCI Express짰 Switch
More results


Similar Description - 89HPES12N3A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12T3G2 IDT-89HPES12T3G2 Datasheet
559Kb / 31P
12-Lane 3-Port Gen2 PCI Express Switch
logo
Renesas Technology Corp
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
89HPES24T3G2 RENESAS-89HPES24T3G2 Datasheet
680Kb / 51P
24-Lane 3-Port Gen2 PCI Express® Switch
Revision 2.0
89HPES12N3 RENESAS-89HPES12N3 Datasheet
724Kb / 29P
12-lane 3-Port PCI Express® Switch
April 9, 2010
89HPES12NT3 RENESAS-89HPES12NT3 Datasheet
862Kb / 30P
12-lane 3-Port Non-Transparent PCI Express® Switch
February 19, 2009
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
89HPES3T3 RENESAS-89HPES3T3 Datasheet
555Kb / 32P
3-Lane 3-Port PCI Express® Switch
June 12, 2014
89HPES24N3 RENESAS-89HPES24N3 Datasheet
764Kb / 31P
24-Lane 3-Port PCI Express® Switch
July 18, 2006
89HPES24N3A RENESAS-89HPES24N3A Datasheet
815Kb / 32P
24-Lane 3-Port PCI Express® Switch
April 23, 2008
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
48-Lane 12-Port PCI Express® Switch
October 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com