Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PES32T8 Datasheet (PDF) - Renesas Technology Corp

PES32T8 Datasheet PDF - Renesas Technology Corp
Part # PES32T8
Download  PES32T8 Download
File Size   1088.23 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 8-Port PCI Express® Switch

PES32T8 Datasheet (PDF)

Go To PDF Page Download Datasheet
PES32T8 Datasheet PDF - Renesas Technology Corp

Part # PES32T8
Download  PES32T8 Click to download

File Size   1088.23 Kbytes
Page   38 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 32-Lane 8-Port PCI Express® Switch

PES32T8 Datasheet (HTML) - Renesas Technology Corp


PES32T8 Product details

Features
‹ High Performance PCI Express Switch
– Thirty-two 2.5 Gbps PCI Express lanes
– Eight switch ports
– Upstream port configurable up to x8
– Downstream ports configurable up to x8
– Low-latency cut-through switch architecture
– Support for Max Payload Size up to 2048 bytes
– One virtual channel
– Eight traffic classes
– PCI Express Base Specification Revision 1.1 compliant
‹ Flexible Architecture with Numerous Configuration Options
– Automatic per port link width negotiation to x8, x4, x2 or x1
– Automatic lane reversal on all ports
– Automatic polarity inversion on all lanes
– Ability to load device configuration from serial EEPROM
‹ Legacy Support
– PCI compatible INTx emulation
– Bus locking
‹ Highly Integrated Solution
– Requires no external components
– Incorporates on-chip internal memory for packet buffering and
queueing
– Integrates thirty-two 2.5 Gbps embedded SerDes with 8B/10B
encoder/decoder (no separate transceivers needed)
‹ Reliability, Availability, and Serviceability (RAS) Features
– Supports ECRC and Advanced Error Reporting
– Internal end-to-end parity protection on all TLPs ensures data
integrity even in systems that do not implement end-to-end
CRC (ECRC)
– Supports PCI Express Native Hot-Plug, Hot-Swap capable I/O
– Compatible with Hot-Plug I/O expanders used on PC and
server motherboards




Similar Part No. - PES32T8

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
PES.00.250.NTLE31 LEMO-PES.00.250.NTLE31 Datasheet
83Kb / 4P
00 - NIM-CAMAC
PES.00.250.NTLE35 LEMO-PES.00.250.NTLE35 Datasheet
83Kb / 4P
00 - NIM-CAMAC
PES.00.250.NTME24 LEMO-PES.00.250.NTME24 Datasheet
71Kb / 4P
00 - NIM-CAMAC
PES.00.250.NTME30 LEMO-PES.00.250.NTME30 Datasheet
82Kb / 4P
00 - NIM-CAMAC
PES.00.250.NTME31 LEMO-PES.00.250.NTME31 Datasheet
83Kb / 4P
00 - NIM-CAMAC
More results


Similar Description - PES32T8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES32H8 IDT-89HPES32H8 Datasheet
871Kb / 40P
32-Lane 8-Port PCI Express System Interconnect Switch
logo
Renesas Technology Corp
PES8NT2 RENESAS-PES8NT2 Datasheet
1Mb / 29P
8-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES8T5 RENESAS-PES8T5 Datasheet
744Kb / 32P
8-Lane 5-Port PCI Express® Switch
March 27, 2008
89HPES3T3 RENESAS-89HPES3T3 Datasheet
555Kb / 32P
3-Lane 3-Port PCI Express® Switch
June 12, 2014
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
4-Lane 4-Port PCI Express® Switch
June 12, 2014
89HPES6T5 RENESAS-89HPES6T5 Datasheet
470Kb / 29P
6-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES8T5A RENESAS-89HPES8T5A Datasheet
469Kb / 30P
8-Lane 5-Port PCI Express® Switch
June 18, 2014
89HPES16T7 RENESAS-89HPES16T7 Datasheet
951Kb / 34P
16-Lane 7-Port PCI Express® Switch
March 25, 2008
89HPES32H8 RENESAS-89HPES32H8 Datasheet
655Kb / 41P
32-Lane 8-Port PCI Express® System Interconnect Switch
October 3, 2011
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com