Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH525F Datasheet (PDF) - Renesas Technology Corp

PH525F Datasheet PDF - Renesas Technology Corp
Part # PH525F
Download  PH525F Download
File Size   243.64 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR CD

PH525F Datasheet (PDF)

Go To PDF Page Download Datasheet
PH525F Datasheet PDF - Renesas Technology Corp

Part # PH525F
Download  PH525F Click to download

File Size   243.64 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR CD

PH525F Datasheet (HTML) - Renesas Technology Corp


PH525F Product details

DESCRIPTION
The PH525F is 6 elements photo diode built in I/V amplifiers for CD. It is easy to adjust the center of beam spot by
using the Focus and Tracking input terminal, and possible to obtain high speed and high sensitivity.
FEATURES
• High speed Frequency response: fC = 14 MHz TYP.
• High sensitivity Output voltage: VoF = 180 mV, VoT = 365 mV (Pi = 5 µW)
• Wide operating temperature Topt = −20 to +70°C




Similar Part No. - PH525F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PH525 RENESAS-PH525 Datasheet
285Kb / 6P
PHOTO DIODE
1996
More results


Similar Description - PH525F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
Headphone amplifier with internal LPF and EVR for CD-ROM
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
I-V Photo IC for CD Player
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
I-V Photo IC for MiniDisc
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
RF Amplifier for CD Player/CD-ROM
logo
NEC
PH503 NEC-PH503 Datasheet
113Kb / 5P
PIN PHOTO DIODE BUILT IN I-V AMPLIFIER DETECTOR FOR CD, OPTICAL DISC MEMORY
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
logo
STANLEY ELECTRIC CO.,LT...
PP1199FB-TR STANLEY-PP1199FB-TR Datasheet
686Kb / 20P
Visible ray cut resin Photo diode (Photo detector)
logo
Renesas Technology Corp
PH561 RENESAS-PH561 Datasheet
178Kb / 6P
HIGH SPEED, HIGH SENSITIVITY PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR DVD, DVD-ROM, DVD-RAM
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com