Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS710CL2-1A Datasheet (PDF) - Renesas Technology Corp

PS710CL2-1A Datasheet PDF - Renesas Technology Corp
Part # PS710CL2-1A
Download  PS710CL2-1A Download
File Size   254.45 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET

PS710CL2-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS710CL2-1A Datasheet PDF - Renesas Technology Corp

Part # PS710CL2-1A
Download  PS710CL2-1A Click to download

File Size   254.45 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET

PS710CL2-1A Datasheet (HTML) - Renesas Technology Corp


PS710CL2-1A Product details

DESCRIPTION
The PS710CL2-1A is a solid state relay containing a GaAs LED on the input side and MOS FETs on the output
side.
It is suitable for PLC, etc. because of its large continuous load current and low on-state resistance.
The PS710CL2-1A has a surface mount type with 10.16 mm lead pitch.
FEATURES
• Low on-state resistance (Ron = 0.1 Ω TYP.)
• Large continuous load current (IL = 2.0 A)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (4-pin DIP)
• Low offset voltage
• Ordering number of taping product: PS710CL2-1A-E3, E4: 1 000 pcs/reel
• Pb-Free product




Similar Part No. - PS710CL2-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
PS710CL2-1A-A CEL-PS710CL2-1A-A Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
PS710CL2-1A-E3 CEL-PS710CL2-1A-E3 Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
PS710CL2-1A-E3-A CEL-PS710CL2-1A-E3-A Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
PS710CL2-1A-E4 CEL-PS710CL2-1A-E4 Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
More results


Similar Description - PS710CL2-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS710A-1A NEC-PS710A-1A Datasheet
76Kb / 7P
6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710B-1A CEL-PS710B-1A Datasheet
347Kb / 12P
6-PIN DIP, 0.05 ohm LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710E-1A CEL-PS710E-1A Datasheet
339Kb / 12P
6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS710B-1A NEC-PS710B-1A Datasheet
105Kb / 14P
6-PIN DIP, 0.05 廓 LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710E-1A NEC-PS710E-1A Datasheet
105Kb / 14P
6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710A-1A RENESAS-PS710A-1A Datasheet
257Kb / 16P
6-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710B-1A RENESAS-PS710B-1A Datasheet
316Kb / 16P
6-PIN DIP, 0.05 Ω LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710E-1A RENESAS-PS710E-1A Datasheet
315Kb / 16P
6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7200K-1A RENESAS-PS7200K-1A Datasheet
261Kb / 15P
4-PIN SOP, 1.1 Ω LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com