Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS710A-1A Datasheet (PDF) - NEC

PS710A-1A Datasheet PDF - NEC
Part # PS710A-1A
Download  PS710A-1A Download
File Size   76.66 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET

PS710A-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS710A-1A Datasheet PDF - NEC

Part # PS710A-1A
Download  PS710A-1A Click to download

File Size   76.66 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6-PIN DIP, 0.1 ohm LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET

PS710A-1A Datasheet (HTML) - NEC


PS710A-1A Product details

DESCRIPTION
The PS710A-1A and PS710AL-1A are solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
It is suitable for PLC, etc. because of its large continuous load current and low on-state resistance. The PS710AL-1A has a surface mount type lead.

FEATURES
• Low on-state resistance (Ron = 0.1 Ω TYP.)
• Large continuous load current (IL = 1.8 A)
• 1 channel type (1 a output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6-pin DIP)
• Low offset voltage
• PS710AL-1A: Surface mount type

APPLICATIONS
• Measurement equipment
• FA equipment




Similar Part No. - PS710A-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710A-1A RENESAS-PS710A-1A Datasheet
257Kb / 16P
6-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS710A-1A-A CEL-PS710A-1A-A Datasheet
352Kb / 11P
6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
More results


Similar Description - PS710A-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710B-1A CEL-PS710B-1A Datasheet
347Kb / 12P
6-PIN DIP, 0.05 ohm LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710E-1A CEL-PS710E-1A Datasheet
339Kb / 12P
6-PIN DIP, 0.08 ohm LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
NEC
PS710B-1A NEC-PS710B-1A Datasheet
105Kb / 14P
6-PIN DIP, 0.05 廓 LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS710E-1A NEC-PS710E-1A Datasheet
105Kb / 14P
6-PIN DIP, 0.08 廓 LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS710A-1A RENESAS-PS710A-1A Datasheet
257Kb / 16P
6-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710B-1A RENESAS-PS710B-1A Datasheet
316Kb / 16P
6-PIN DIP, 0.05 Ω LOW ON-STATE RESISTANCE 2.5 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710E-1A RENESAS-PS710E-1A Datasheet
315Kb / 16P
6-PIN DIP, 0.08 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com