Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC-7485 Datasheet (PDF) - Advantech Co., Ltd.

HPC-7485 Datasheet PDF - Advantech Co., Ltd.
Part # HPC-7485
Download  HPC-7485 Download
File Size   1026.53 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount for EATX/ATX Motherboard

HPC-7485 Datasheet (PDF)

Go To PDF Page Download Datasheet
HPC-7485 Datasheet PDF - Advantech Co., Ltd.

Part # HPC-7485
Download  HPC-7485 Click to download

File Size   1026.53 Kbytes
Page   2 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 4U Rackmount for EATX/ATX Motherboard

HPC-7485 Datasheet (HTML) - Advantech Co., Ltd.


HPC-7485 Product details

Features
ƒ Supports EATX/ATX motherboard
ƒ Supports up to eight SATA3 or SAS3 hot-swap HDD
ƒ Supports 80plus 1U 1+1 redundant high watt power supply
ƒ Supports up to eleven FH/FL expansion slots
ƒ 3 x 12cm system fans with easy maintenance feature
ƒ Supports up to dimension 379 x 346mm mother board




Similar Part No. - HPC-7485

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
HPC-7480 ADVANTECH-HPC-7480 Datasheet
856Kb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480 ADVANTECH-HPC-7480 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480-66A1E ADVANTECH-HPC-7480-66A1E Datasheet
856Kb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480-66A1E ADVANTECH-HPC-7480-66A1E Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
HPC-7480 ADVANTECH-HPC-7480_15 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX Server Board with 8 Hot-swap Drive Bays, Single PSU and 7 Expansion Slots
More results


Similar Description - HPC-7485

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACP-4000MB ADVANTECH-ACP-4000MB Datasheet
190Kb / 2P
4U Rackmount Chassis for ATX Motherboard
HPC-7442 ADVANTECH-HPC-7442 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX/ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7442 ADVANTECH-HPC-7442_15 Datasheet
1Mb / 2P
4U Rackmount/Tower Chassis for EATX/ ATX Motherboard with Up to 8 SAS/SATA HDD Trays
HPC-7400MB-70A1E ADVANTECH-HPC-7400MB-70A1E Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MircoATX Motherboard
ACP-4010 ADVANTECH-ACP-4010_17 Datasheet
849Kb / 2P
Quiet 4U Rackmount Chassis for ATX/CEB/EEB Motherboard
HPC-7483 ADVANTECH-HPC-7483 Datasheet
991Kb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
logo
Adlink Technology Inc.
RK-630 ADLINK-RK-630 Datasheet
420Kb / 2P
4U rackmount industrial chassis supporting ATX motherboard
logo
Advantech Co., Ltd.
HPC-7400 ADVANTECH-HPC-7400_V01 Datasheet
1Mb / 2P
4U Compact Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard
27-Jun-2018
HPC-7484 ADVANTECH-HPC-7484 Datasheet
1Mb / 2P
4U Rackmount / Tower Chassis for EATX/ATX/MicroATX Motherboard with 8 Hot Swap Drive Trays
6-Aug-2021
IPC-941 ADVANTECH-IPC-941 Datasheet
1Mb / 2P
348mm Depth 4U Rackmount Chassis for ATX Motherboard
30-Mar-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com