Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52758SP Datasheet (PDF) - Renesas Technology Corp

M52758SP Datasheet PDF - Renesas Technology Corp
Part # M52758SP
Download  M52758SP Download
File Size   156.96 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide Band Analog Switch

M52758SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52758SP Datasheet PDF - Renesas Technology Corp

Part # M52758SP
Download  M52758SP Click to download

File Size   156.96 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide Band Analog Switch

M52758SP Datasheet (HTML) - Renesas Technology Corp


M52758SP Product details

Description
The M52758 is a semiconductor integrated circuit for the RGBHV interface. The device features switching signals
input from two types of image and outputting them to CRT display etc.
Synchronous signal meeting the frequency band of 10 kHz to 200 kHz are output at TTL. The frequency band of video
signals is 250 MHz, acquiring high-resolution images, and are optimum as an interface IC with high-resolution CRT
display and various new media.
Features
• Frequency band: RGB 250 MHz
HV 10 Hz to 200 kHz
• Input level: RGB 0.7 VP-P (typ.)
HV TTL input 2.0 VO-P (both channel)
• Only the G channel is provided with sync-on video output.
• The TTL format is adopted for HV output.
Application
Display monitor




Similar Part No. - M52758SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
WIDE BAND ANALOG SWITCH
More results


Similar Description - M52758SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52348FP MITSUBISHI-M52348FP Datasheet
85Kb / 11P
WIDE FREQUENCY BAND ANALOG SWITCH
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
WIDE FREQUENCY BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
WIDE BAND ANALOG SWITCH
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
WIDE BAND ANALOG SWITCH
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
WIDE BAND ANALOG SWITCH
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
WIDE FREQUENCY BAND ANALOG SWITCH
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
Wide Band Analog Switch
M61323SP RENESAS-M61323SP Datasheet
295Kb / 20P
Wide Frequency Band Analog Switch
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
WIDE FREQUENCY BAND ANALOG SWITCH
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com