Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61323SP Datasheet (PDF) - Renesas Technology Corp

M61323SP Datasheet PDF - Renesas Technology Corp
Part # M61323SP
Download  M61323SP Download
File Size   295.78 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide Frequency Band Analog Switch

M61323SP Datasheet (PDF)

Go To PDF Page Download Datasheet
M61323SP Datasheet PDF - Renesas Technology Corp

Part # M61323SP
Download  M61323SP Click to download

File Size   295.78 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide Frequency Band Analog Switch

M61323SP Datasheet (HTML) - Renesas Technology Corp


M61323SP Product details

Description
The M61323SP/FP is a semiconductor integrated circuit for the RGBHV interface. The device features switching signals input from two types of image sources and outputting the signals to the CRT display, etc. Synchronous signals, meeting a frequency band of 10 kHz to 200 kHz, are output at TTL. The frequency band of video signals is 250 MHz, acquiring high-resolution images, and are optimum as an interface IC with high-resolution CRT display and various new media.
The M61323SP/FP keeps the power saving mode, and it can reduce ICC about 10 mA under the condition that all VCC are supplied.

Features
• Frequency band : RGB 250 MHz H, V 10 kHz to 200 kHz
• Input level: RGB 0.7 VP-P (Typ.) H, V TTL input 3 to 5 VO-P (bipolar)
• Only the G channel is provided with Sync-on video output. The TTL format is adopted for HV output.

Application
    Display monitor




Similar Part No. - M61323SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
WIDE FREQUENCY BAND ANALOG SWITCH
More results


Similar Description - M61323SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52348FP MITSUBISHI-M52348FP Datasheet
85Kb / 11P
WIDE FREQUENCY BAND ANALOG SWITCH
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
WIDE FREQUENCY BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
WIDE BAND ANALOG SWITCH
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
WIDE BAND ANALOG SWITCH
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
WIDE BAND ANALOG SWITCH
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
WIDE FREQUENCY BAND ANALOG SWITCH
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
Wide Band Analog Switch
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
WIDE FREQUENCY BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
Wide Band Analog Switch
Mar 31, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com