Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61323SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61323SP Datasheet HTML 1Page - Renesas Technology Corp M61323SP Datasheet HTML 2Page - Renesas Technology Corp M61323SP Datasheet HTML 3Page - Renesas Technology Corp M61323SP Datasheet HTML 4Page - Renesas Technology Corp M61323SP Datasheet HTML 5Page - Renesas Technology Corp M61323SP Datasheet HTML 6Page - Renesas Technology Corp M61323SP Datasheet HTML 7Page - Renesas Technology Corp M61323SP Datasheet HTML 8Page - Renesas Technology Corp M61323SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 1 of 19
M61323SP/FP
Wide Frequency Band Analog Switch
REJ03F0201-0201
Rev.2.01
Mar 31, 2008
Description
The M61323SP/FP is a semiconductor integrated circuit for the RGBHV interface. The device features switching
signals input from two types of image sources and outputting the signals to the CRT display, etc. Synchronous signals,
meeting a frequency band of 10 kHz to 200 kHz, are output at TTL. The frequency band of video signals is 250 MHz,
acquiring high-resolution images, and are optimum as an interface IC with high-resolution CRT display and various
new media.
The M61323SP/FP keeps the power saving mode, and it can reduce ICC about 10 mA under the condition that all VCC
are supplied.
Features
• Frequency band : RGB
250 MHz
H, V
10 kHz to 200 kHz
• Input level:
RGB
0.7 VP-P (Typ.)
H, V TTL input
3 to 5 VO-P (bipolar)
• Only the G channel is provided with Sync-on video output. The TTL format is adopted for HV output.
Application
Display monitor
Recommended Operating Condition
Supply voltage range:
4.75 to 5.25 V
Rated voltage range:
5.0 V


Similar Part No. - M61323SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
WIDE FREQUENCY BAND ANALOG SWITCH
More results

Similar Description - M61323SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52348FP MITSUBISHI-M52348FP Datasheet
85Kb / 11P
WIDE FREQUENCY BAND ANALOG SWITCH
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
WIDE FREQUENCY BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
WIDE BAND ANALOG SWITCH
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
WIDE BAND ANALOG SWITCH
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
WIDE BAND ANALOG SWITCH
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
WIDE FREQUENCY BAND ANALOG SWITCH
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
Wide Band Analog Switch
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
WIDE FREQUENCY BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
Wide Band Analog Switch
Mar 31, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com