Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61323SP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M61323SP Datasheet HTML 12Page - Renesas Technology Corp M61323SP Datasheet HTML 13Page - Renesas Technology Corp M61323SP Datasheet HTML 14Page - Renesas Technology Corp M61323SP Datasheet HTML 15Page - Renesas Technology Corp M61323SP Datasheet HTML 16Page - Renesas Technology Corp M61323SP Datasheet HTML 17Page - Renesas Technology Corp M61323SP Datasheet HTML 18Page - Renesas Technology Corp M61323SP Datasheet HTML 19Page - Renesas Technology Corp M61323SP Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 19 of 19
Package Dimensions
2.
1.
DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
16
17
32
1
SEATING PLANE
*2
*3
*3
D
e
b3
b2
bp
5.08
A1
b3
15°
e
1.778
c
L
3.0
0.51
0.9
1.0
1.3
A
E
8.75
8.9
9.05
D
27.8
28.0
28.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.22
0.27
0.34
P-SDIP32-8.9x28-1.78
2.2g
MASS[Typ.]
32P4B
PRDP0032BA-A
RENESAS Code
JEITA Package Code
Previous Code
bp
0.35
0.45
0.55
10.16
9.86
10.46
b2
0.63
0.73
1.03
A2
3.8
0°
1.528
2.028
e1
bp
A1
HE
y
0.10
e
0.8
c
0°
8°
L
0.3
0.5
0.7
0
0.1
0.2
A
2.35
11.63 11.93 12.23
A2
2.05
E
8.2
8.4
8.6
D
14.8
15.0
15.2
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.3
0.35
0.45
0.18
0.2
0.25
P-SSOP36-8.4x15-0.80
0.5g
MASS[Typ.]
36P2R-D
PRSP0036GA-B
RENESAS Code
JEITA Package Code
Previous Code
0.65
0.95
2.
1. DIMENSIONS "*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
1
18
19
36
F
*2
*3
D
e
bp
c
Detail F
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com