Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61323SP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61323SP Datasheet HTML 8Page - Renesas Technology Corp M61323SP Datasheet HTML 9Page - Renesas Technology Corp M61323SP Datasheet HTML 10Page - Renesas Technology Corp M61323SP Datasheet HTML 11Page - Renesas Technology Corp M61323SP Datasheet HTML 12Page - Renesas Technology Corp M61323SP Datasheet HTML 13Page - Renesas Technology Corp M61323SP Datasheet HTML 14Page - Renesas Technology Corp M61323SP Datasheet HTML 15Page - Renesas Technology Corp M61323SP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 12 of 19
Test Circuit (M61323SP)
TP31
SW4
75
+
ab
SW7
a
b
SW8
a
b
SW15
ab
SW16
ab
SW10
75
+
a
b
SW12
75
+
a
b
SW14
75
+
a
b
SW6
75
+
TP18
TP28
TP25
TP21
a
b
SW32
a
b
SW29
a
b
SW26
a
b
SW22
SG
SS
SW11
VCCB
5 V
TP23
TP19
TP11
a
b
15
16
14
13
12
11
10
9
8
6
5
4
3
2
1
7
VCC
0.01
µ
0.01
µ
0.01
µ
47
µ
0.01
µ
19
22
21
20
23
24
25
26
27
28
29
31
32
30
17
18
A
SW C
VCCC 5 V
a
b
47
µ
1
µ
SW B
B-OUT
VCC
R-OUT
VCC
G-OUT
VCC
SW2
ab
a
b
75
+
0.01
µ
A
VCC A 5 V
a
b
+
SW A
SG
RGB
SG
HV
open
a
c
b
SW13
TP13
R-SW
VCC
G-SW
VCC
B-SW
VCC
ECO-SW
open
a
c
b
Units Resistance:
Ω
Capacitance: F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com