Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61323SP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61323SP Datasheet HTML 10Page - Renesas Technology Corp M61323SP Datasheet HTML 11Page - Renesas Technology Corp M61323SP Datasheet HTML 12Page - Renesas Technology Corp M61323SP Datasheet HTML 13Page - Renesas Technology Corp M61323SP Datasheet HTML 14Page - Renesas Technology Corp M61323SP Datasheet HTML 15Page - Renesas Technology Corp M61323SP Datasheet HTML 16Page - Renesas Technology Corp M61323SP Datasheet HTML 17Page - Renesas Technology Corp M61323SP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 14 of 19
Pin Description (M61323SP)
pin No.
Name
DC Voltage (V)
Peripheral Circuit
Function
1
3
5
20
VCC (R)
VCC (G)
VCC (B)
VCC (H, V,
Sync-Sep.)
5.0
26
29
32
VCC (ROUT)
VCC (GOUT)
VCC (BOUT)
5.0
2
4
6
10
12
14
Input1 (R)
Input1 (G)
Input1 (B)
Input2 (R)
Input2 (G)
Input2 (B)
2.3
3 V
2.48 V
2.2 mA
643
750
Input signal with low impedance
7
8
15
16
Input1 (H)
Input1 (V)
Input2 (H)
Input2 (V)
SW
500
7 k
Input pulse between 3 V and 5 V
3 to 5 V
0 to 0.8 V
9
17
24
27
30
GND (V-SW)
GND
(H, V, Sync-
Sep.)
GND (B-out)
GND (G-out)
GND (R-out)
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com