Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61323SP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M61323SP
Description  Wide Frequency Band Analog Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61323SP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M61323SP Datasheet HTML 9Page - Renesas Technology Corp M61323SP Datasheet HTML 10Page - Renesas Technology Corp M61323SP Datasheet HTML 11Page - Renesas Technology Corp M61323SP Datasheet HTML 12Page - Renesas Technology Corp M61323SP Datasheet HTML 13Page - Renesas Technology Corp M61323SP Datasheet HTML 14Page - Renesas Technology Corp M61323SP Datasheet HTML 15Page - Renesas Technology Corp M61323SP Datasheet HTML 16Page - Renesas Technology Corp M61323SP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
M61323SP/FP
REJ03F0201-0201 Rev.2.01 Mar 31, 2008
Page 13 of 19
Application Example (M61323SP)
0 to 0.8 V : INPUT1
2.0 to 5.0 V: INPUT2
INPUT2
RB
GV
H
PowerSave VCC
VCC
(5 V)
VCC
(5 V)
VCC
(5 V)
Power save
SW
+
+
+
+
0.01
µ
47
µ
VCC
5 V
POWER SAVE VCC
(H-SW, V-SW,
G-Buffer, Sync-SEP)
ROUT
GOUT
BOUT
G Buffer OUT
Sync SEP OUT
Hout
Vout
1
µ
0.01
µ
+
47
µ
VCC
5 V
0.01
µ
+
47
µ
VCC
5 V
0.01
µ
0.01
µ
0.01
µ
75
+
75
+
75
+
75
+
75
+
75
+
Rin2
Gin2
Bin2
Hin2
Vin2
INPUT1
Rin1
Gin1
Bin1
Hin1
Vin1
OUTPUT
15
16
14
13
12
11
10
9
8
6
5
4
3
2
1
7
VCC
VCC
VCC
Sync
Sepa
G
22
21
23
25
24
27
28
29
30
31
32
26
19
20
18
17
VCC
Units Resistance:
Ω
Capacitance: F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com