Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85352 Datasheet (PDF) - Renesas Technology Corp

85352 Datasheet PDF - Renesas Technology Corp
Part # 85352
Download  85352 Download
File Size   817.87 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer

85352 Datasheet (PDF)

Go To PDF Page Download Datasheet
85352 Datasheet PDF - Renesas Technology Corp

Part # 85352
Download  85352 Click to download

File Size   817.87 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12 Bit, 2-to-1, 3.3V, 2.5V LVPECL Clock Buffer

85352 Datasheet (HTML) - Renesas Technology Corp


85352 Product details

Features
• Twelve, 2-to-1 multiplexers with LVPECL outputs
• Selectable differential CLKx, nCLKx input pairs
• CLK, nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Maximum output frequency: 700MHz
• Individual select control for each multiplexer
• Select inputs accept LVCMOS / LVTTL levels
• Propagation delay: 2ns (maximum)
• Additive Phase Jitter, RMS: 0.21ps (typical), 3.3V
• Full 3.3V or mixed 3.3V core/2.5V output supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 85352

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85352 IDT-85352 Datasheet
358Kb / 20P
LVPECL Clock Buffer
85352AYILF IDT-85352AYILF Datasheet
358Kb / 20P
LVPECL Clock Buffer
85352AYILFT IDT-85352AYILFT Datasheet
358Kb / 20P
LVPECL Clock Buffer
More results


Similar Description - 85352

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Alliance Semiconductor ...
ASM2I99448 ALSC-ASM2I99448 Datasheet
594Kb / 15P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
PulseCore Semiconductor
PCS2I99448 PULSECORE-PCS2I99448 Datasheet
598Kb / 15P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8180C AKM-AK8180C Datasheet
1,006Kb / 12P
2.5V, 3.3V LVCMOS 1:12 Clock Fanout Buffer
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
3.3V LVPECL 1:2 Clock Fanout Buffer
logo
Renesas Technology Corp
ICS853S012I RENESAS-ICS853S012I Datasheet
1Mb / 21P
12:1, Differential-to-3.3V, 2.5V LVPECL Clock/Data Multiplexer
August 23, 2017
ICS853S12I RENESAS-ICS853S12I Datasheet
475Kb / 18P
LOW SKEW, 1-TO-12, DIFFERENTIAL-TO- 3.3V, 2.5V LVPECL FANOUT BUFFER
MAY 21, 2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com