Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87946I-01 Datasheet (PDF) - Renesas Technology Corp

87946I-01 Datasheet PDF - Renesas Technology Corp
Part # 87946I-01
Download  87946I-01 Download
File Size   438.79 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer

87946I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
87946I-01 Datasheet PDF - Renesas Technology Corp

Part # 87946I-01
Download  87946I-01 Click to download

File Size   438.79 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer

87946I-01 Datasheet (HTML) - Renesas Technology Corp


87946I-01 Product details

Features
• Ten single ended LVCMOS/LVTTL outputs,
7 typical output impedance
• LVPECL clock input pair
• PCLK/nPCLK supports the following input levels:
LVPECL, CML, SSTL
• Maximum input frequency: 250MHz
• Output skew: 120ps (maximum)
• Part-to-part skew: 700ps (maximum)
• Multiple frequency skew: 320ps (maximum)
• Additive phase jitter, RMS: 0.19ps (typical)
• 3.3V core, 3.3V or 2.5V output supply modes-40°C to 85°C
ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement use 87946i-147




Similar Part No. - 87946I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
More results


Similar Description - 87946I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
REV. A OCTOBER 20, 2004
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
87946I-147 RENESAS-87946I-147 Datasheet
411Kb / 15P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 2.5V, 3.3V Fanout Buffer
September 19, 2016
87946I RENESAS-87946I Datasheet
334Kb / 12P
1-to-10 Low Skew, 1, 2 LVCMOS/LVTTL 3.3V Fanout Buffer
September 20, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com