Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87950BYILFT Datasheet (PDF) - Renesas Technology Corp

87950BYILFT Datasheet PDF - Renesas Technology Corp
Part # 87950BYILFT
Download  87950BYILFT Download
File Size   341.45 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-9 LVCMOS / LVTTL Clock Multiplier

87950BYILFT Datasheet (PDF)

Go To PDF Page Download Datasheet
87950BYILFT Datasheet PDF - Renesas Technology Corp

Part # 87950BYILFT
Download  87950BYILFT Click to download

File Size   341.45 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-9 LVCMOS / LVTTL Clock Multiplier

87950BYILFT Datasheet (HTML) - Renesas Technology Corp


87950BYILFT Product details

FEATURES
• Fully integrated PLL
• 9 single ended 3.3V LVCMOS/LVTTL outputs
• Selectable CLK or single ended crystal inputs
• Maximum output frequency: 250MHz
• Maximum VCO range: 240MHz to 500MHz
• Cycle-to-cycle jitter: ±100 (typical)
• Output skew: 375ps (maximum) all outputs @ same frequency
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 87973i




Similar Part No. - 87950BYILFT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8795 INTEL-8795 Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS HMOS MICROCONTROLLER
logo
Belden Inc.
8795 BELDEN-8795 Datasheet
164Kb / 2P
Electronic, 2 C #22 Sol BC, PO Ins, PVC Jkt, CM
05-05-2023
8795-6061000 BELDEN-8795-6061000 Datasheet
164Kb / 2P
Electronic, 2 C #22 Sol BC, PO Ins, PVC Jkt, CM
05-05-2023
8795-606U500 BELDEN-8795-606U500 Datasheet
164Kb / 2P
Electronic, 2 C #22 Sol BC, PO Ins, PVC Jkt, CM
05-05-2023
logo
Molex Electronics Ltd.
87951-0001 MOLEX10-87951-0001 Datasheet
87Kb / 3P
2.50mm (.098) Pitch Header, Vertical, Through Hole, 8 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results


Similar Description - 87950BYILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 26, 2003
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I RENESAS-87972I Datasheet
384Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
ICS87931I-147 RENESAS-ICS87931I-147 Datasheet
386Kb / 16P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
AUGUST 13, 2013
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com