Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2706-1 Datasheet (PDF) - Renesas Technology Corp

PS2706-1 Datasheet PDF - Renesas Technology Corp
Part # PS2706-1
Download  PS2706-1 Download
File Size   5233.05 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER

PS2706-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2706-1 Datasheet PDF - Renesas Technology Corp

Part # PS2706-1
Download  PS2706-1 Click to download

File Size   5233.05 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER

PS2706-1 Datasheet (HTML) - Renesas Technology Corp


PS2706-1 Product details

DESCRIPTION
The PS2706-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
Darlington-connected phototransistor.
This is mounted in a plastic SOP (Small Out-line Package) for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
 AC input response
 High current transfer ratio (CTR = 2 000% TYP.)
 High isolation voltage (BV = 3 750 Vr.m.s.)
 SOP (Small Outline Package) type
 High-speed switching (tr, tf = 200 s TYP.)
 Ordering number of taping product: PS2706-1-F3: 3 500 pcs/reel
 Pb-Free product
 Safety standards
 UL approved: UL1577, Single protection
 CSA approved: CAN/CSA-C22.2 No. 62368-1, Basic/Supplementary insulation
 BSI approved: BS EN 62368-1, Basic/Supplementary insulation
 VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS2706-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2706-1 NEC-PS2706-1 Datasheet
96Kb / 12P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-A CEL-PS2706-1-A Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3 CEL-PS2706-1-F3 Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3-A CEL-PS2706-1-F3-A Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2706-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2706-1 NEC-PS2706-1 Datasheet
96Kb / 12P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2805-1 NEC-PS2805-1 Datasheet
135Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
PS2765-1 RENESAS-PS2765-1 Datasheet
260Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com