Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2706-1 Datasheet (PDF) - NEC

PS2706-1 Datasheet PDF - NEC
Part # PS2706-1
Download  PS2706-1 Download
File Size   96.29 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES

PS2706-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2706-1 Datasheet PDF - NEC

Part # PS2706-1
Download  PS2706-1 Click to download

File Size   96.29 Kbytes
Page   12 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES

PS2706-1 Datasheet (HTML) - NEC


PS2706-1 Product details

AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES

DESCRIPTION
The PS2706-1, PS2706-2, PS2706-4, are optically coupled isolators containing GaAs light emitting diodes and an NPN silicon darlington-connected phototransistor.
Each is mounted in a plastic SOP (Small Out-line Package) for high density applications
This package has shield effect to cut off ambient light.

FEATURES
• AC input response
• High current transfer ratio (CTR = 2 000 % TYP.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• Small and thin (SOP) package
• High-speed switching (tr, tf = 200 µs TYP.)
• Ordering number of taping product (1-ch only): PS2706-1-E3, E4, F3, F4
• UL approved: File No. E72422 (S)
• VDE0884 approved (Option)

APPLICATIONS
• Hybrid IC
• Telephone, Exchange equipment
• FA/OA equipment
• Programmable logic controllers




Similar Part No. - PS2706-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2706-1-A CEL-PS2706-1-A Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3 CEL-PS2706-1-F3 Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
PS2706-1-F3-A CEL-PS2706-1-F3-A Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
More results


Similar Description - PS2706-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
PS2706-1 CEL-PS2706-1 Datasheet
728Kb / 14P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705-1 RENESAS-PS2705-1 Datasheet
5Mb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
July 19, 2019
PS2706-1 RENESAS-PS2706-1 Datasheet
5Mb / 15P
AC INPUT RESPONSE DARLINGTON TRANSISTOR SOP PHOTOCOUPLER
May 14, 2020
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com