Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8741 Datasheet (PDF) - Renesas Technology Corp

PS8741 Datasheet PDF - Renesas Technology Corp
Part # PS8741
Download  PS8741 Download
File Size   240.97 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER

PS8741 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS8741 Datasheet PDF - Renesas Technology Corp

Part # PS8741
Download  PS8741 Click to download

File Size   240.97 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER

PS8741 Datasheet (HTML) - Renesas Technology Corp


PS8741 Product details

DESCRIPTION
The PS8741 is an optically coupled isolator containing a GaAs LED on the input side and two photodiodes on the
output side.
It is suitable for analog control applications such as PCMCIA card, modem, voice telephony and fax machines.
FEATURES
• For PCMCIA
• Small and thin package (16-pin SOP: Pin pitch = 1.27 mm, Height = 2.1 mm)
• High transfer gain linearity (∆K3 = 1% MAX.)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Ordering number of taping product: PS8741-F3, F4: 2 500 pcs/reel
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8525, 8526




Similar Part No. - PS8741

ManufacturerPart #DatasheetDescription
logo
NEC
PS8741 NEC-PS8741 Datasheet
39Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-A CEL-PS8741-A Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-F3 CEL-PS8741-F3 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-F3-A CEL-PS8741-F3-A Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
More results


Similar Description - PS8741

ManufacturerPart #DatasheetDescription
logo
NEC
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS8741 NEC-PS8741 Datasheet
39Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Vishay Siliconix
IL350 VISHAY-IL350 Datasheet
187Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
04-Jun-04
IL358T VISHAY-IL358T Datasheet
94Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
09-Nov-12
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com