Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8741 Datasheet (PDF) - NEC

PS8741 Datasheet PDF - NEC
Part # PS8741
Download  PS8741 Download
File Size   39.71 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER

PS8741 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS8741 Datasheet PDF - NEC

Part # PS8741
Download  PS8741 Click to download

File Size   39.71 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER

PS8741 Datasheet (HTML) - NEC


PS8741 Product details

DESCRIPTION
The PS8741 is an optically coupled isolator containing a GaAs LED on the light emitting side (input side) and two photodiodes on the output side.
It is suitable for analog control applications such as PCMCIA card, modem, voice telephony and fax machines.

FEATURES
• For PCMCIA
• Small and thin package (16-pin SOP: 255 mil, Pin pitch = 1.27 mm, Height = 2.1 mm)
• High transfer gain linearity (∆K3 = 1 % MAX.)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Ordering number of taping product: PS8741-F3, F4

APPLICATIONS
• PCMCIA card
• Notebook PC, PDA
• Modem
• Telephone, FAX




Similar Part No. - PS8741

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8741-A CEL-PS8741-A Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-F3 CEL-PS8741-F3 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-F3-A CEL-PS8741-F3-A Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
More results


Similar Description - PS8741

ManufacturerPart #DatasheetDescription
logo
NEC
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Vishay Siliconix
IL350 VISHAY-IL350 Datasheet
187Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
04-Jun-04
IL358T VISHAY-IL358T Datasheet
94Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
09-Nov-12
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com