Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8741 Datasheet(PDF) 1 Page - NEC

Part # PS8741
Description  FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8741 Datasheet(HTML) 1 Page - NEC

  PS8741 Datasheet HTML 1Page - NEC PS8741 Datasheet HTML 2Page - NEC PS8741 Datasheet HTML 3Page - NEC PS8741 Datasheet HTML 4Page - NEC PS8741 Datasheet HTML 5Page - NEC PS8741 Datasheet HTML 6Page - NEC PS8741 Datasheet HTML 7Page - NEC PS8741 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRELIMINARY DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1998, 1999
Document No. P13666EJ1V0DS00 (1st edition)
Date Published June 1999 NS CP(K)
Printed in Japan
FOR OPTICAL DAA, HIGH LINEAR
16-PIN SOP PHOTOCOUPLER
PHTOCOUPLER
PS8741
−NEPOCTM Series−
DESCRIPTION
The PS8741 is an optically coupled isolator containing a GaAs LED on the light emitting side (input side) and two
photodiodes on the output side.
It is suitable for analog control applications such as PCMCIA card, modem, voice telephony and fax machines.
FEATURES
• For PCMCIA
• Small and thin package (16-pin SOP: 255 mil, Pin pitch = 1.27 mm, Height = 2.1 mm)
• High transfer gain linearity (
∆K3 = 1 % MAX.)
• High isolation voltage (BV = 1 500 Vr.m.s.)
• Ordering number of taping product: PS8741-F3, F4
APPLICATIONS
• PCMCIA card
• Notebook PC, PDA
• Modem
• Telephone, FAX


Similar Part No. - PS8741

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8741-A CEL-PS8741-A Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-F3 CEL-PS8741-F3 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS8741-F3-A CEL-PS8741-F3-A Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS8741

ManufacturerPart #DatasheetDescription
logo
NEC
PS2811-1 NEC-PS2811-1 Datasheet
108Kb / 12P
HIGH CTR 4, 16-PIN SOP PHOTOCOUPLER
PS2815-1 NEC-PS2815-1 Datasheet
106Kb / 12P
HIGH CTR, AC INPUT 4, 16-PIN SOP PHOTOCOUPLER
PS7841-A15 NEC-PS7841-A15 Datasheet
31Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Vishay Siliconix
IL350 VISHAY-IL350 Datasheet
187Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
04-Jun-04
IL358T VISHAY-IL358T Datasheet
94Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
09-Nov-12
logo
California Eastern Labs
PS8741 CEL-PS8741 Datasheet
317Kb / 8P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PS2711-1 CEL-PS2711-1 Datasheet
204Kb / 11P
HIGH CTR 4-PIN SOP PHOTOCOUPLER
PS7841-A15 CEL-PS7841-A15 Datasheet
36Kb / 3P
FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
4-PIN SOP PHOTOCOUPLER
PS8741 RENESAS-PS8741 Datasheet
240Kb / 12P
FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com