Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8741 Datasheet(PDF) 5 Page - NEC

Part # PS8741
Description  FOR OPTICAL DAA, HIGH LINEAR 16-PIN SOP PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS8741 Datasheet(HTML) 5 Page - NEC

  PS8741 Datasheet HTML 1Page - NEC PS8741 Datasheet HTML 2Page - NEC PS8741 Datasheet HTML 3Page - NEC PS8741 Datasheet HTML 4Page - NEC PS8741 Datasheet HTML 5Page - NEC PS8741 Datasheet HTML 6Page - NEC PS8741 Datasheet HTML 7Page - NEC PS8741 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Data Sheet P13666EJ1V0DS00
5
PS8741
USAGE CAUTIONS
1. Since this product is sensitive to electro-static discharge, take anti-ESD measures, such as using a wrist strap,
while handling it.
2. Recommended Soldering Conditions
(1) Handling (Soldering iron)
• Temperature
260
°C or below
• Time
5 seconds or less
• Leave more than 1.0 mm from the lead roof
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt % is recommended.)
(2) Infrared reflow soldering
• Peak reflow temperature
235
°C (Package surface temperature)
• Time of temperature higher than 210
°C
30 seconds or less
• Preheating conditions
120 to 160
°C (Package surface temperature),
60 to 90 seconds
• Number of reflows
One
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt % is recommended.)
3. Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com