Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV88080 Datasheet (PDF) - Renesas Technology Corp

PV88080 Datasheet PDF - Renesas Technology Corp
Part # PV88080
Download  PV88080 Download
File Size   3407.41 Kbytes
Page   106 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency Advanced Feature 4-Channel PMIC

PV88080 Datasheet (PDF)

Go To PDF Page Download Datasheet
PV88080 Datasheet PDF - Renesas Technology Corp

Part # PV88080
Download  PV88080 Click to download

File Size   3407.41 Kbytes
Page   106 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Efficiency Advanced Feature 4-Channel PMIC

PV88080 Datasheet (HTML) - Renesas Technology Corp


PV88080 Product details

General Description
The PV88080 power management integrated circuit (PMIC) provides one PWM buck controller and
three adjustable synchronous buck regulators. The high voltage buck controller can optionally be
used to generate the supply for the other three buck converters. Two pass devices (NMOS FET) for
the high side and low side of the high voltage buck controller are external which allows the majority of
the buck controller power dissipation to be outside the PV88080. This high voltage buck controller
uses a constant on time (COT) control scheme with integrated bootstrap PMOS switch. In certain
applications, multiple PV88080s can be used together to provide enough power rails to power the
larger systems. There are three buck converters that can be used to generate the supplies for CPUs,
DDR memory and other Auxiliary functions in a typical application. The pass devices of these buck
converters are fully integrated, so no external FETs or Schottky diodes are needed. This results in
optimized power efficiency and a reduced external component count. PV88080 provides Dynamic
Voltage Control (DVC) via I2C command to support adaptive adjustment of the supply voltage based
on the processor. All power blocks have over current circuit protection and the start-up timing can be
controlled through the I2C interface. Soft start-up limits the inrush current from the input node and
secures a slope controlled activation of the rail. The PV88080 is available in a 32-pin QFN package
and is specified from –40 °C to 85 °C ambient temperature.
Key Features
■ One synchronous buck controller
□ VIN input voltage range : 7 V to 26 V
□ Programmable output voltage :
0.8 V~5.25 V when VIN <13.2 V or
1.8 V~5.25 V when VIN >13.2 V
□ Supports all ceramic output capacitors
□ Switching frequency up to 1 Mhz
□ Reference voltage with ±1% tolerance
□ Provide OVP, OCP and OTP
■ Three synchronous buck converters with
integrated low RON FET
□ Buck1, programmable output voltage from
0.75 V to 3.3 V with 5-A continuous output
current. Peak current 6 A if standalone.
□ Buck2, programmable output voltage from
0.9 V to 3.6 V with 2-A continuous output
current. Peak current 3 A if standalone.
□ Buck3, programmable output voltage from
0.9 V to 3.6 V with 2-A continuous output
current. Peak current 3 A if standalone.
□ Light load efficiency improved > 85%
□ Boot up selectable output voltage
through GPIO
■ Dynamic Voltage Control (DVC) on all buck
converters
■ Constant on time (COT) control with
selectable frequencies
■ Auto mode on all three buck converters
■ Adjustable soft start
■ Two GPIO, one nIRQ and I2C compatible
interface
■ Mute function: eliminates audio popping
noise in power plug OFF scenario.
■ Power fail detect function to alert the
application processor.
■ External thermal sense function: establish
the remote temperature sensing ability on
the system.
■ -40 to 85 ºC ambient temperature range
■ Custom 32-pin QFN package with thermal
pad, 0.5 mm pin pitch




Similar Part No. - PV88080

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
PV88080 DIALOG-PV88080 Datasheet
3Mb / 102P
High Efficiency Advanced Feature 4-Channel PMIC
More results


Similar Description - PV88080

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3675 LINER-LTC3675_15 Datasheet
585Kb / 38P
7-Channel Configurable High Power PMIC
LTC3675-1 LINER-LTC3675-1_15 Datasheet
585Kb / 38P
7-Channel Configurable High Power PMIC
logo
Dialog Semiconductor
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
Flexible system PMIC with high-efficiency USB power manager
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
6-Channel High Efficiency PMIC for 2-Cell Systems
DA9021 DIALOG-DA9021 Datasheet
2Mb / 142P
System PMIC with high efficiency USB power manager
PV88080 DIALOG-PV88080 Datasheet
3Mb / 102P
High Efficiency Advanced Feature 4-Channel PMIC
logo
Everlight Electronics C...
EHP-A23 EVERLIGHT-EHP-A23 Datasheet
494Kb / 16P
Feature of the device: Small package with high efficiency.
logo
uPI Group Inc.
UP6636Q UPI-UP6636Q Datasheet
963Kb / 42P
High Efficiency PMIC with Dynamic Voltage Management
UP6641Q UPI-UP6641Q Datasheet
1Mb / 48P
High Efficiency PMIC with Dynamic Voltage Management
logo
Renesas Technology Corp
DA6102 RENESAS-DA6102 Datasheet
2Mb / 83P
6-Channel High Efficiency PMIC for 2-Cell Systems
15-May-2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com