Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6102 Datasheet (PDF) - Renesas Technology Corp

DA6102 Datasheet PDF - Renesas Technology Corp
Part # DA6102
Download  DA6102 Download
File Size   2511.5 Kbytes
Page   83 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel High Efficiency PMIC for 2-Cell Systems

DA6102 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA6102 Datasheet PDF - Renesas Technology Corp

Part # DA6102
Download  DA6102 Click to download

File Size   2511.5 Kbytes
Page   83 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-Channel High Efficiency PMIC for 2-Cell Systems

DA6102 Datasheet (HTML) - Renesas Technology Corp


DA6102 Product details

Key Features
■ 4.5 V to 11.5 V input range
■ Input current sense with circuit breaker
□ +/- 1% accuracy monitoring
■ Programmable internal switching frequency
□ 1.0 MHz, 1.5 MHz, 2.0 MHz, and 3.0 MHz
□ +/- 2 % accuracy
■ External sync clock input
□ 1.5 MHz to 3 MHz range
■ Programmable sequencing and soft-start
■ 2 Always-on LDOs with integrated load
switches
■ 2 Integrated buck converters
■ 1 Integrated BuckBoost converter
■ 1 High current buck controller
■ 2 Load switch controllers
■ 2 External LDO monitors
■ Power Good flag
■ Global enable input
■ Smallest total solution size
■ 2.975 mm x 3.375 mm WLCSP package
MHz
■ CH1: BuckBoost regulator
□ 700 mA max
□ 5.1 V to 5.8 V output range
■ CH2: Buck regulator
□ 2.2A max
□ 3.0 V to 4.55 V output range
■ CH3: Buck controller
□ Synchronous NFET drivers
□ 3.0 V to 3.75 V output range
■ CH4: Buck regulator
□ 600 mA max
□ 3.2 V to 4.2 V output range
■ LDO1: 300 mA, always-on
■ LDO2: 200 mA, always-on
■ Protection features on each channel
□ Current limit
□ Short circuit
□ Over-voltage
□ Output discharge




Similar Part No. - DA6102

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
6-Channel High Efficiency PMIC for 2-Cell Systems
More results


Similar Description - DA6102

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2687 ANALOGICTECH-AAT2687 Datasheet
3Mb / 20P
PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Maxim Integrated Produc...
MAX8858 MAXIM-MAX8858 Datasheet
118Kb / 2P
Highly Efficient, All-Internal MOSFET, 6-Channel PMIC for 2AA Digital Camera Systems
Rev 0; 5/08
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
6-Channel High Efficiency PMIC for 2-Cell Systems
PV88080 DIALOG-PV88080 Datasheet
3Mb / 102P
High Efficiency Advanced Feature 4-Channel PMIC
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
logo
Renesas Technology Corp
PV88080 RENESAS-PV88080 Datasheet
3Mb / 106P
High Efficiency Advanced Feature 4-Channel PMIC
28-Mar-2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com