Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20609NP Datasheet (PDF) - Renesas Technology Corp

R2J20609NP Datasheet PDF - Renesas Technology Corp
Part # R2J20609NP
Download  R2J20609NP Download
File Size   337.59 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Driver - MOS FET (DrMOS)

R2J20609NP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2J20609NP Datasheet PDF - Renesas Technology Corp

Part # R2J20609NP
Download  R2J20609NP Click to download

File Size   337.59 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Driver - MOS FET (DrMOS)

R2J20609NP Datasheet (HTML) - Renesas Technology Corp


R2J20609NP Product details

Description
The R2J20609NP multi-chip module incorporates a high-side MOS FET, low-side MOS FET, and MOS-FET driver in
a single QFN package. The on and off timing of the power MOS FET is optimized by the built-in driver, making this
device suitable for large-current buck converters. The chip also incorporates a high-side bootstrap switch, eliminating
the need for an external SBD for this purpose.
Features
 Based on Intel 8  8 DrMOS Specification.
 Built-in power MOS FET suitable for Desktop, Server, Notebook application.
 Low-side MOS FET with built-in SBD for lower loss and reduced ringing.
 Built-in driver circuit which matches the power MOS FET
 Built-in tri-state input function which can support a number of PWM controllers
 High-frequency operation (above 1 MHz) possible
 VIN operating-voltage range: 27 Vmax
 Large average output current (Max.50 A)
 Achieve low power dissipation
 Controllable driver: Remote on/off
 Low-side MOS FET disabled function for DCM operation
 Double thermal protection: Thermal Warning & Thermal Shutdown
 Built-in bootstrapping Switch
 Small package: QFN56 (8 mm  8 mm  0.95 mm)
 Terminal Pb-free/Halogen-free




Similar Part No. - R2J20609NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20601NP RENESAS-R2J20601NP Datasheet
126Kb / 14P
Driver - MOS FET Integrated SiP (DrMOS)
R2J20601NP RENESAS-R2J20601NP Datasheet
153Kb / 14P
Driver - MOS FET Integrated SiP (DrMOS)
R2J20601NP RENESAS-R2J20601NP_08 Datasheet
153Kb / 14P
Driver - MOS FET Integrated SiP (DrMOS)
R2J20602NP RENESAS-R2J20602NP Datasheet
170Kb / 15P
Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP Datasheet
139Kb / 17P
Integrated Driver - MOS FET (DrMOS)
More results


Similar Description - R2J20609NP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
Integrated Driver - MOS FET (DrMOS)
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
Integrated Driver - MOS FET (DrMOS)
R2J20655NP RENESAS-R2J20655NP Datasheet
179Kb / 18P
Integrated Driver - MOS FET (DrMOS)
R2J20656ANP RENESAS-R2J20656ANP Datasheet
153Kb / 16P
Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
Integrated Driver - MOS FET (DrMOS)
R2J20658NP RENESAS-R2J20658NP Datasheet
167Kb / 17P
Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
Integrated Driver - MOS FET (DrMOS)
R2J20657CNP RENESAS-R2J20657CNP Datasheet
316Kb / 16P
Integrated Driver - MOS FET (DrMOS)
Jul 20, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com