Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTB113ZT Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTB113ZT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTB113ZT
Download  PDTB113ZT Download
File Size   206.07 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ

PDTB113ZT Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTB113ZT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTB113ZT
Download  PDTB113ZT Click to download

File Size   206.07 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ

PDTB113ZT Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTB113ZT Product details

1. General description
500 mA PNP Resistor-Equipped Transistor (RET) in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
NPN complement: PDTD113ZT.

2. Features and benefits
• 500 mA output current capability
• Reduces pick and place costs
• Built-in bias resistors
• ±10 % resistor ratio tolerance
• Simplifies circuit design
• Reduces component count
• AEC-Q101 qualified

3. Applications
• Digital application in automotive and industrial segments
• Cost-saving alternative for BC807 series in digital applications
• Control of IC inputs
• Switching loads




Similar Part No. - PDTB113ZT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTB113ZT PHILIPS-PDTB113ZT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTB113ZT NXP-PDTB113ZT Datasheet
138Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistors; R1 = 1 k廓, R2 = 10 k廓
Rev. 02-16 November 2009
More results


Similar Description - PDTB113ZT

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA114EM NEXPERIA-PDTA114EM Datasheet
229Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTD113ZT-Q NEXPERIA-PDTD113ZT-Q Datasheet
201Kb / 8P
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
6 April 2022
PDTD123YT-Q NEXPERIA-PDTD123YT-Q Datasheet
221Kb / 11P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
22 July 2022
PDTB113ET NEXPERIA-PDTB113ET Datasheet
239Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 1 kΩ
Rev. 3 - 14 September 2010
PDTB123ET NEXPERIA-PDTB123ET Datasheet
374Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 3 - 22 September 2010
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTB123YT NEXPERIA-PDTB123YT Datasheet
240Kb / 9P
50 V, 500 mA PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
1 January 2023
PDTD113ZT NEXPERIA-PDTD113ZT Datasheet
897Kb / 8P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
1 January 2023
PIMP31-Q NEXPERIA-PIMP31-Q Datasheet
270Kb / 12P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ
16 February 2022
PIMP31 NEXPERIA-PIMP31 Datasheet
268Kb / 11P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 1 kΩ, R2 = 10 kΩ
16 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com