Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA114EM Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA114EM Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA114EM
Download  PDTA114EM Download
File Size   229.91 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ

PDTA114EM Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA114EM Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA114EM
Download  PDTA114EM Click to download

File Size   229.91 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ

PDTA114EM Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA114EM Product details

1. General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small SOT883 (SC-101) Surface-
Mounted Device (SMD) plastic package.
NPN complement: PDTC114EM

2. Features and benefits
. 100 mA output current capability
. Built-in bias resistors
. Simplifies circuit design
. Reduces component count
. Reduces pick and place costs
. AEC-Q101 qualified

3. Applications
. Digital application in automotive and industrial segments
. Cost-saving alternative for BC847 series in digital applications
. Controlling IC inputs
. Switching loads




Similar Part No. - PDTA114EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EM NXP-PDTA114EM Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA114EM NEXPERIA-PDTA114EM Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
More results


Similar Description - PDTA114EM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA114ET-Q NEXPERIA-PDTA114ET-Q Datasheet
228Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTA114EU-Q NEXPERIA-PDTA114EU-Q Datasheet
224Kb / 10P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTB113ZT NEXPERIA-PDTB113ZT Datasheet
206Kb / 8P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
15 January 2021
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTB123YT NEXPERIA-PDTB123YT Datasheet
240Kb / 9P
50 V, 500 mA PNP resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
1 January 2023
PDTC114ET-Q NEXPERIA-PDTC114ET-Q Datasheet
242Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
PDTC114ET NEXPERIA-PDTC114ET Datasheet
240Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 July 2022
PDTC114YT-Q NEXPERIA-PDTC114YT-Q Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
PEMB11 NEXPERIA-PEMB11 Datasheet
228Kb / 11P
PNP/PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PUMD3-Q NEXPERIA-PUMD3-Q Datasheet
279Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com