Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114ET-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC114ET-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC114ET-Q
Download  PDTC114ET-Q Download
File Size   242.52 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ

PDTC114ET-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC114ET-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC114ET-Q
Download  PDTC114ET-Q Click to download

File Size   242.52 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ

PDTC114ET-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC114ET-Q Product details

1. General description
NPN Resistor-Equipped Transistor (RET) in a small SOT23 Surface-Mounted Device (SMD) plastic
package.
PNP complement: PDTA114ET-Q

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Digital application in automotive and industrial segments
• Cost-saving alternative for BC847-Q series in digital applications
• Controlling IC inputs
• Switching loads




Similar Part No. - PDTC114ET-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114ET PHILIPS-PDTC114ET Datasheet
50Kb / 8P
NPN resistor-equipped transistor
Rev. 12-21 December 2011
PDTC114ET PHILIPS-PDTC114ET Datasheet
92Kb / 14P
NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114ET PHILIPS-PDTC114ET Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTC114ET NXP-PDTC114ET Datasheet
181Kb / 14P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114ET NXP-PDTC114ET Datasheet
717Kb / 17P
NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
More results


Similar Description - PDTC114ET-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA114EM NEXPERIA-PDTA114EM Datasheet
229Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTA114ET-Q NEXPERIA-PDTA114ET-Q Datasheet
228Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTA114EU-Q NEXPERIA-PDTA114EU-Q Datasheet
224Kb / 10P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTC114ET NEXPERIA-PDTC114ET Datasheet
240Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 July 2022
PDTC114YT-Q NEXPERIA-PDTC114YT-Q Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
PDTC114YU-Q NEXPERIA-PDTC114YU-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
PUMD3-Q NEXPERIA-PUMD3-Q Datasheet
279Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
PUMH11-Q NEXPERIA-PUMH11-Q Datasheet
237Kb / 12P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
8 October 2021
PEMH11 NEXPERIA-PEMH11 Datasheet
223Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PUMH11 NEXPERIA-PUMH11 Datasheet
796Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com