Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH11 Datasheet (PDF) - Nexperia B.V. All rights reserved

PEMH11 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PEMH11
Download  PEMH11 Download
File Size   223.25 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ

PEMH11 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMH11 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PEMH11
Download  PEMH11 Click to download

File Size   223.25 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ

PEMH11 Datasheet (HTML) - Nexperia B.V. All rights reserved


PEMH11 Product details

1. General description
NPN/NPN double Resistor-Equipped Transistor (RET) in an ultra small and flat lead SOT666
Surface-Mounted Device (SMD) plastic package.
NPN/PNP complement: PEMD3
PNP/PNP complement: PEMB11

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs

3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replaces general-purpose transistors in digital applications




Similar Part No. - PEMH11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PEMH11 NXP-PEMH11 Datasheet
144Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 20
PEMH11_PUMH11 PHILIPS-PEMH11_PUMH11_15 Datasheet
622Kb / 14P
NPN/NPN resistor-equipped transistors R1 = 10 k?? R2 = 10 k?
Rev. 6-29 November 2011
More results


Similar Description - PEMH11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMH18 NEXPERIA-PUMH18 Datasheet
237Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 10 kΩ
31 March 2023
PDTC114ET-Q NEXPERIA-PDTC114ET-Q Datasheet
242Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
PDTC114ET NEXPERIA-PDTC114ET Datasheet
240Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 July 2022
PDTC114YT-Q NEXPERIA-PDTC114YT-Q Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
PDTC114YU-Q NEXPERIA-PDTC114YU-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
PUMD3-Q NEXPERIA-PUMD3-Q Datasheet
279Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
PUMD9-Q NEXPERIA-PUMD9-Q Datasheet
281Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
PUMH11-Q NEXPERIA-PUMH11-Q Datasheet
237Kb / 12P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
8 October 2021
PUMH9-Q NEXPERIA-PUMH9-Q Datasheet
254Kb / 13P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
7 October 2021
PUMH11 NEXPERIA-PUMH11 Datasheet
796Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com