Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA114EMB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA114EMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA114EMB
Download  PDTA114EMB Download
File Size   845.94 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓

PDTA114EMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA114EMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA114EMB
Download  PDTA114EMB Click to download

File Size   845.94 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓

PDTA114EMB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA114EMB Product details

General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.

NPN complement: PDTC114EMB

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias transistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic
   package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors
   in digital applications
■ Mobile applications




Similar Part No. - PDTA114EMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114EM NXP-PDTA114EM Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA114EM NEXPERIA-PDTA114EM Datasheet
229Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 February 2023
PDTA114EM NEXPERIA-PDTA114EM Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
More results


Similar Description - PDTA114EMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114E NXP-PDTA114E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 02
PDTC114E NXP-PDTC114E Datasheet
181Kb / 14P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PEMB11 NXP-PEMB11 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
PDTC114EMB NXP-PDTC114EMB Datasheet
699Kb / 11P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
Rev. 1-21 June 2012
logo
Nexperia B.V. All right...
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
PDTA114YMB NEXPERIA-PDTA114YMB Datasheet
842Kb / 12P
PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 47 k廓
PDTA123YMB NEXPERIA-PDTA123YMB Datasheet
628Kb / 12P
PNP resistor-equipped transistor; R1 = 2.2 k廓, R2 = 10 k廓
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
PDTA144VMB NEXPERIA-PDTA144VMB Datasheet
627Kb / 12P
PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 10 k廓
PQMD3 NEXPERIA-PQMD3 Datasheet
733Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 10 k廓, R2 = 10 k廓
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com