Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143XMB Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTA143XMB Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTA143XMB
Download  PDTA143XMB Download
File Size   962.15 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓

PDTA143XMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA143XMB Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTA143XMB
Download  PDTA143XMB Click to download

File Size   962.15 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓

PDTA143XMB Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTA143XMB Product details

General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small SOT883B Surface-Mounted Device (SMD) plastic package.

NPN complement: PDTC143XMB.

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic
   package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors
   in digital applications
■ Mobile applications




Similar Part No. - PDTA143XMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143XM NXP-PDTA143XM Datasheet
93Kb / 12P
PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-16 April 2007
logo
Nexperia B.V. All right...
PDTA143XM NEXPERIA-PDTA143XM Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
PDTA143XM-Q NEXPERIA-PDTA143XM-Q Datasheet
232Kb / 12P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 10 kΩ
7 May 2025
More results


Similar Description - PDTA143XMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PDTA143ZMB NXP-PDTA143ZMB Datasheet
703Kb / 11P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-29 June 2012
PDTC143XMB PHILIPS-PDTC143XMB_15 Datasheet
722Kb / 11P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
Rev. 1-7 June 2012
PDTC143ZMB PHILIPS-PDTC143ZMB_15 Datasheet
720Kb / 11P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
logo
Nexperia B.V. All right...
PDTA113ZMB NEXPERIA-PDTA113ZMB Datasheet
628Kb / 13P
PNP resistor-equipped transistor; R1 = 1 k廓, R2 = 10 k廓
PDTA114EMB NEXPERIA-PDTA114EMB Datasheet
845Kb / 12P
PNP resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
PDTA143EMB NEXPERIA-PDTA143EMB Datasheet
839Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
PDTC143XMB NEXPERIA-PDTC143XMB Datasheet
962Kb / 12P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
PDTC143EMB NEXPERIA-PDTC143EMB Datasheet
960Kb / 12P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com