Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143XM Datasheet (PDF) - NXP Semiconductors

PDTA143XM Datasheet PDF - NXP Semiconductors
Part # PDTA143XM
Download  PDTA143XM Download
File Size   93.89 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW

PDTA143XM Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA143XM Datasheet PDF - NXP Semiconductors

Part # PDTA143XM
Download  PDTA143XM Click to download

File Size   93.89 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW

PDTA143XM Datasheet (HTML) - NXP Semiconductors


PDTA143XM Product details

General description
PNP Resistor-Equipped Transistors (RET) family in small plastic packages.

Features
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design

Applications
■ Digital applications
■ Cost-saving alternative to BC857 series in digital applications
■ Control of IC inputs
■ Low current peripheral driver




Similar Part No. - PDTA143XM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143XM NEXPERIA-PDTA143XM Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
PDTA143XM-Q NEXPERIA-PDTA143XM-Q Datasheet
232Kb / 12P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 10 kΩ
7 May 2025
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
More results


Similar Description - PDTA143XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com