Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143XM Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA143XM
Description  PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PDTA143XM Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA143XM Datasheet HTML 1Page - NXP Semiconductors PDTA143XM Datasheet HTML 2Page - NXP Semiconductors PDTA143XM Datasheet HTML 3Page - NXP Semiconductors PDTA143XM Datasheet HTML 4Page - NXP Semiconductors PDTA143XM Datasheet HTML 5Page - NXP Semiconductors PDTA143XM Datasheet HTML 6Page - NXP Semiconductors PDTA143XM Datasheet HTML 7Page - NXP Semiconductors PDTA143XM Datasheet HTML 8Page - NXP Semiconductors PDTA143XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PNP Resistor-Equipped Transistors (RET) family in small plastic packages.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA143X series
PNP resistor-equipped transistors; R1 = 4.7 k
Ω, R2 = 10 kΩ
Rev. 04 — 16 April 2007
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
JEDEC
PDTA143XE
SOT416
SC-75
-
PDTC143XE
PDTA143XK
SOT346
SC-59A
TO-236
PDTC143XK
PDTA143XM
SOT883
SC-101
-
PDTC143XM
PDTA143XS[1]
SOT54
SC-43A
TO-92
PDTC143XS
PDTA143XT
SOT23
-
TO-236AB
PDTC143XT
PDTA143XU
SOT323
SC-70
-
PDTC143XU
I 100 mA output current capability
I Reduces component count
I Built-in bias resistors
I Reduces pick and place costs
I Simplifies circuit design
I Digital applications
I Cost-saving alternative to BC857 series
in digital applications
I Control of IC inputs
I Low current peripheral driver
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current
-
-
−100
mA
R1
bias resistor 1 (input)
3.3
4.7
6.1
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6


Similar Part No. - PDTA143XM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143XM NEXPERIA-PDTA143XM Datasheet
1Mb / 18P
NPN resistor-equipped transistors; R1 = 4.7 k, R2 = 10 k
Rev. 11 - 9 December 2011
PDTA143XM-Q NEXPERIA-PDTA143XM-Q Datasheet
232Kb / 12P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 10 kΩ
7 May 2025
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
More results

Similar Description - PDTA143XM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143Z PHILIPS-PDTA143Z Datasheet
92Kb / 14P
PNP resistor-equipped transistors R1 = 4.7 kW, R2 = 47 kW
2004 Aug 05
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTC143Z PHILIPS-PDTC143Z Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
2004 Aug 16
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PDTA113Z NXP-PDTA113Z Datasheet
121Kb / 18P
PNP resistor-equipped transistors; R1 = 1 kW, R2 = 10 kW
Rev. 04-2 September 2009
PDTA123Y NXP-PDTA123Y Datasheet
123Kb / 18P
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009
PDTA144V NXP-PDTA144V Datasheet
122Kb / 18P
PNP resistor-equipped transistors; R1 = 47 kW, R2 = 10 kW
Rev. 04-3 September 2009
PEMB15 NXP-PEMB15 Datasheet
72Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 04-31 August 2009
PEMB18 NXP-PEMB18 Datasheet
65Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 04-1 September 2009
PEMD15 NXP-PEMD15 Datasheet
72Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
Rev. 03-2 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com