Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143ZMB Datasheet (PDF) - NXP Semiconductors

PDTA143ZMB Datasheet PDF - NXP Semiconductors
Part # PDTA143ZMB
Download  PDTA143ZMB Download
File Size   703.01 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓

PDTA143ZMB Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA143ZMB Datasheet PDF - NXP Semiconductors

Part # PDTA143ZMB
Download  PDTA143ZMB Click to download

File Size   703.01 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓

PDTA143ZMB Datasheet (HTML) - NXP Semiconductors


PDTA143ZMB Product details

General description
PNP Resistor-Equipped Transistor (RET) in a leadless ultra small DFN1006B-3 (SOT883B) Surface-Mounted Device (SMD) plastic package.

Features and benefits
■ 100 mA output current capability
■ Reduces component count
■ Built-in bias resistors
■ Reduces pick and place costs
■ Simplifies circuit design
■ AEC-Q101 qualified
■ Leadless ultra small SMD plastic package
■ Low package height of 0.37 mm

Applications
■ Low-current peripheral driver
■ Control of IC inputs
■ Replaces general-purpose transistors in digital applications
■ Mobile applications




Similar Part No. - PDTA143ZMB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA143ZMB NEXPERIA-PDTA143ZMB Datasheet
837Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
Rev. 1 - 29 June 2012
More results


Similar Description - PDTA143ZMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA143E NXP-PDTA143E Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 4.7 k廓
2004 Aug 04
PDTA143Z NXP-PDTA143Z Datasheet
181Kb / 14P
PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Aug 05
PEMB13 NXP-PEMB13 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2004 Apr 15
PEMD13 NXP-PEMD13 Datasheet
147Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = 47 k廓
2003 Oct 08
PDTC143ZMB PHILIPS-PDTC143ZMB_15 Datasheet
720Kb / 11P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
Rev. 1-11 June 2012
logo
Nexperia B.V. All right...
PDTA143EMB NEXPERIA-PDTA143EMB Datasheet
839Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 4.7 k廓
PDTA143XMB NEXPERIA-PDTA143XMB Datasheet
962Kb / 12P
PNP resistor-equipped transistor; R1 = 4.7 k廓, R2 = 10 k廓
PDTA144EMB NEXPERIA-PDTA144EMB Datasheet
969Kb / 13P
PNP resistor-equipped transistor; R1 = 47 k廓, R2 = 47 k廓
PDTC143ZMB NEXPERIA-PDTC143ZMB Datasheet
961Kb / 12P
NPN resistor-equipped transistor; R1 = 4.7 k廓, R2 = 47 k廓
PQMD13 NEXPERIA-PQMD13 Datasheet
734Kb / 17P
NPN/PNP resistor-equipped transistors;R1 = 4.7 k廓, R2 = 47 k廓
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com