Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC114EM Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC114EM Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC114EM
Download  PDTC114EM Download
File Size   215.17 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ

PDTC114EM Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC114EM Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC114EM
Download  PDTC114EM Click to download

File Size   215.17 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ

PDTC114EM Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC114EM Product details

1. General description
NPN Resistor-Equipped Transistor (RET) in a ultra small SOT883 (SC-101) Surface-Mounted
Device (SMD) plastic package.

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified

3. Applications
• Digital application in automotive and industrial segments
• Control of IC inputs
• Cost-saving alternative for BC847/857 series in digital applications
• Switching loads




Similar Part No. - PDTC114EM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTC114EM PHILIPS-PDTC114EM Datasheet
92Kb / 14P
NPN resistor-equipped transistor; R1 = 10 kohm, R2 = 10 kohm
2004 Aug 05
PDTC114EM NXP-PDTC114EM Datasheet
181Kb / 14P
NPN resistor-equipped transistor; R1 = 10 k廓, R2 = 10 k廓
2004 Aug 05
PDTC114EM NXP-PDTC114EM Datasheet
717Kb / 17P
NPN resistor-equipped transistors; R1 = 10 k?? R2 = 10 k?
Rev. 12-21 December 2011
PDTC114EM PHILIPS-PDTC114EM Datasheet
717Kb / 17P
NPN resistor-equipped transistors
Rev. 12-21 December 2011
logo
Nexperia B.V. All right...
PDTC114EM NEXPERIA-PDTC114EM Datasheet
1Mb / 17P
NPN resistor-equipped transistors; R1 = 10 k, R2 = 10 k
Rev. 12 - 21 December 2011
More results


Similar Description - PDTC114EM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMH4 NEXPERIA-PEMH4 Datasheet
209Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2004 Apr 14
PDTC114EMB NEXPERIA-PDTC114EMB Datasheet
834Kb / 12P
NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
Rev. 1 - 21 June 2012
PDTC114EU NEXPERIA-PDTC114EU Datasheet
210Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC123E_SERIES NEXPERIA-PDTC123E_SERIES Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug
PDTC124X_SER NEXPERIA-PDTC124X_SER Datasheet
260Kb / 13P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = 47 kΩ
Rev. 07 - 16 November 2009
PDTC144V_SER NEXPERIA-PDTC144V_SER Datasheet
260Kb / 12P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 10 kΩ
Rev. 04 - 16 November 2009
PEMB11 NEXPERIA-PEMB11 Datasheet
228Kb / 11P
PNP/PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PUMB11-Q NEXPERIA-PUMB11-Q Datasheet
237Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 10 kΩ, R2 = 10 kΩ
25 October 2021
PDTC115E_SER NEXPERIA-PDTC115E_SER Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Aug 06
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com