Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB11-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMB11-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMB11-Q
Download  PUMB11-Q Download
File Size   237.04 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped double transistors; R1 = 10 kΩ, R2 = 10 kΩ

PUMB11-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMB11-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMB11-Q
Download  PUMB11-Q Click to download

File Size   237.04 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped double transistors; R1 = 10 kΩ, R2 = 10 kΩ

PUMB11-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMB11-Q Product details

1. General description
PNP/PNP Resistor-Equipped Transistors (RET) in a very SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low current peripheral drivers
• Control of IC inputs
• Replaces general-purpose transistors in digital applications




Similar Part No. - PUMB11-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB11 PHILIPS-PUMB11 Datasheet
60Kb / 8P
PNP resistor-equipped double transistor
2000 Aug 08
PUMB11 PHILIPS-PUMB11 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB11 NXP-PUMB11 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PUMB11 NEXPERIA-PUMB11 Datasheet
794Kb / 11P
PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results


Similar Description - PUMB11-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114EM NEXPERIA-PDTC114EM Datasheet
215Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC114EU NEXPERIA-PDTC114EU Datasheet
210Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PEMB11 NEXPERIA-PEMB11 Datasheet
228Kb / 11P
PNP/PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PEMB4 NEXPERIA-PEMB4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
PDTA115E_SERIES NEXPERIA-PDTA115E_SERIES Datasheet
422Kb / 15P
PNP resistor-equipped transistors; R1 = 100 kΩ, R2 = 100 kΩ
2004 Jul 30
PDTA123E_SERIES NEXPERIA-PDTA123E_SERIES Datasheet
421Kb / 15P
PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMB13-Q NEXPERIA-PUMB13-Q Datasheet
235Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PDTA123E_SER NEXPERIA-PDTA123E_SER Datasheet
421Kb / 15P
PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
PUMB11 NEXPERIA-PUMB11 Datasheet
794Kb / 11P
PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
1 October 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com