Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB11 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMB11 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMB11
Download  PUMB11 Download
File Size   794.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ

PUMB11 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMB11 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMB11
Download  PUMB11 Click to download

File Size   794.94 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ

PUMB11 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMB11 Product details

1. General description
PNP/PNP double Resistor-Equipped Transistor (RET) in a very SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
NPN/PNP complement: PUMD3
NPN/NPN complement: PUMH11

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs

3. Applications
• Low current peripheral drivers
• Control of IC inputs
• Replaces general-purpose transistors in digital applications




Similar Part No. - PUMB11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB11 PHILIPS-PUMB11 Datasheet
60Kb / 8P
PNP resistor-equipped double transistor
2000 Aug 08
PUMB11 PHILIPS-PUMB11 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB11 NXP-PUMB11 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 k廓, R2 = 10 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PUMB11-Q NEXPERIA-PUMB11-Q Datasheet
237Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 10 kΩ, R2 = 10 kΩ
25 October 2021
More results


Similar Description - PUMB11

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMB9 NEXPERIA-PUMB9 Datasheet
237Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
4 January 2023
PDTC114EMB NEXPERIA-PDTC114EMB Datasheet
834Kb / 12P
NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
Rev. 1 - 21 June 2012
PEMB11 NEXPERIA-PEMB11 Datasheet
228Kb / 11P
PNP/PNP resistor-equipped transistor; R1 = 10 kΩ, R2 = 10 kΩ
29 December 2022
PEMB4 NEXPERIA-PEMB4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
PEMB9 NEXPERIA-PEMB9 Datasheet
222Kb / 11P
50 V, 100 mA PNP/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 47 kΩ
28 December 2022
PUMB11-Q NEXPERIA-PUMB11-Q Datasheet
237Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 10 kΩ, R2 = 10 kΩ
25 October 2021
PUMB13-Q NEXPERIA-PUMB13-Q Datasheet
235Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PUMD10-Q NEXPERIA-PUMD10-Q Datasheet
279Kb / 15P
NPN/PNP double Resistor-Equipped Transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
14 September 2021
PUMD13-Q NEXPERIA-PUMD13-Q Datasheet
250Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PUMD3-Q NEXPERIA-PUMD3-Q Datasheet
279Kb / 15P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 10 kΩ, R2 = 10 kΩ
7 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com